Electronic Components Datasheet Search
  English  ▼

X  

LM2765 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2765
Description  LM2765 Switched Capacitor Voltage Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2765 Datasheet(HTML) 1 Page - Texas Instruments

  LM2765 Datasheet HTML 1Page - Texas Instruments LM2765 Datasheet HTML 2Page - Texas Instruments LM2765 Datasheet HTML 3Page - Texas Instruments LM2765 Datasheet HTML 4Page - Texas Instruments LM2765 Datasheet HTML 5Page - Texas Instruments LM2765 Datasheet HTML 6Page - Texas Instruments LM2765 Datasheet HTML 7Page - Texas Instruments LM2765 Datasheet HTML 8Page - Texas Instruments LM2765 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
2
3
6
5
4
LM2765
www.ti.com
SNVS070C – MARCH 2000 – REVISED MAY 2013
LM2765 Switched Capacitor Voltage Converter
Check for Samples: LM2765
1
FEATURES
DESCRIPTION
The LM2765 CMOS charge-pump voltage converter
2
•
Doubles Input Supply Voltage
operates as a voltage doubler for an input voltage in
•
SOT-23 6-Pin Package
the range of +1.8V to +5.5V. Two low cost capacitors
•
20
Ω Typical Output Impedance
and a diode are used in this circuit to provide up to 20
mA of output current.
•
90% Typical Conversion Efficiency at 20 mA
•
0.1µA Typical Shutdown Current
The LM2765 operates at 50 kHz switching frequency
to reduce output resistance and voltage ripple. With
an operating current of only 130 µA (operating
APPLICATIONS
efficiency greater than 90% with most loads) and
•
Cellular Phones
0.1µA typical shutdown current, the LM2765 provides
•
Pagers
ideal performance for battery powered systems. The
device is manufactured in a SOT-23 6-pin package.
•
PDAs
•
Operational Amplifier Power Supplies
•
Interface Power Supplies
•
Handheld Instruments
Basic Application Circuits
Voltage Doubler
Connection Diagram
6-Pin Small Outline Package
Figure 1. DBV Package Top View
Figure 2. Actual Size
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2765

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2765 NSC-LM2765 Datasheet
208Kb / 9P
Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2765 TI2-LM2765 Datasheet
873Kb / 21P
LM2765 Switched-Capacitor Voltage Converter
REVISED SEPTEMBER 2016
logo
National Semiconductor ...
LM2765M6 NSC-LM2765M6 Datasheet
208Kb / 9P
Switched Capacitor Voltage Converter
LM2765M6X NSC-LM2765M6X Datasheet
208Kb / 9P
Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2765M6X/NOPB TI2-LM2765M6X/NOPB Datasheet
873Kb / 21P
LM2765 Switched-Capacitor Voltage Converter
REVISED SEPTEMBER 2016
More results

Similar Description - LM2765

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
Switched Capacitor Voltage Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
Switched Capacitor Voltage Converter
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com