Electronic Components Datasheet Search
  English  ▼

X  

LM2765 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2765
Description  LM2765 Switched Capacitor Voltage Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2765 Datasheet(HTML) 3 Page - Texas Instruments

  LM2765 Datasheet HTML 1Page - Texas Instruments LM2765 Datasheet HTML 2Page - Texas Instruments LM2765 Datasheet HTML 3Page - Texas Instruments LM2765 Datasheet HTML 4Page - Texas Instruments LM2765 Datasheet HTML 5Page - Texas Instruments LM2765 Datasheet HTML 6Page - Texas Instruments LM2765 Datasheet HTML 7Page - Texas Instruments LM2765 Datasheet HTML 8Page - Texas Instruments LM2765 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LM2765
www.ti.com
SNVS070C – MARCH 2000 – REVISED MAY 2013
Electrical Characteristics
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: V+ = 5V, C1 = C2 = 3.3 μF.
(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V+
Supply Voltage
1.8
5.5
V
IQ
Supply Current
No Load
130
450
µA
ISD
Shutdown Supply Current
0.1
0.5
µA
TA = 85°C
0.2
VSD
Shutdown Pin Input Voltage
Shutdown Mode
2.0
V
Normal Operation
0.6
IL
Output Current
2.5V
≤ VIN ≤ 5.5V
20
mA
1.8V
≤ VIN < 2.5V
10
ROUT
Output Resistance(2)
IL = 20 mA
20
40
Ω
fOSC
Oscillator Frequency
See(3)
40
100
200
kHz
fSW
Switching Frequency
See(3)
20
50
100
kHz
PEFF
Power Efficiency
IL = 20 mA to GND
92
%
VOEFF
Voltage Conversion Efficiency
No Load
99.96
%
(1)
In the test circuit, capacitors C1 and C2 are 3.3 µF, 0.3Ω maximum ESR capacitors. Capacitors with higher ESR will increase output
resistance, reduce output voltage and efficiency.
(2)
Specified output resistance includes internal switch resistance and capacitor ESR. See the details in the application information for
positive voltage doubler.
(3)
The output switches operate at one half of the oscillator frequency, fOSC = 2fSW.
Test Circuit
Figure 3. LM2765 Test Circuit
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2765



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com