Electronic Components Datasheet Search
  English  ▼

X  

LM2767 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2767
Description  LM2767 Switched Capacitor Voltage Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2767 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2767 Datasheet HTML 9Page - Texas Instruments LM2767 Datasheet HTML 10Page - Texas Instruments LM2767 Datasheet HTML 11Page - Texas Instruments LM2767 Datasheet HTML 12Page - Texas Instruments LM2767 Datasheet HTML 13Page - Texas Instruments LM2767 Datasheet HTML 14Page - Texas Instruments LM2767 Datasheet HTML 15Page - Texas Instruments LM2767 Datasheet HTML 16Page - Texas Instruments LM2767 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
VOUT
GND
LM2767
CAP-
CAP+
V+
LM2767
www.ti.com
SNVS069D – FEBRUARY 2000 – REVISED AUGUST 2015
10 Power Supply Recommendations
The LM2767 is designed to operate from as an inverter over an input voltage supply range from 1.8 V and 5.5 V.
This input supply must be well-regulated and capable to supply the required input current. If the input supply is
located far from the device, additional bulk capacitance may be required in addition to the ceramic bypass
capacitors.
11 Layout
11.1 Layout Guidelines
Use the following steps as a reference to ensure the device is stable across its intended operating voltage and
current range.
•
Place CIN on the top layer (same layer as the LM2767) and as close to the device as possible. Connecting
the input capacitor through short, wide traces to both the V+ and GND pins reduces the inductive voltage
spikes that occur during switching which can corrupt the V+ line.
•
Place COUT on the top layer (same layer as the LM2767) and as close as possible to the OUT and GND pin.
The returns for both CIN and COUT must come together at one point, as close to the GND pin as possible.
Connecting COUT through short, wide traces reduce the series inductance on the OUT and GND pins that
can corrupt the VOUT and GND lines and cause excessive noise in the device and surrounding circuitry.
•
Place C1 on the top layer (same layer as the LM2767 device) and as close to the device as possible.
Connect the flying capacitor through short, wide traces to both the CAP+ and CAP– pins.
11.2 Layout Example
Figure 16. LM2767 Layout Example
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2767



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com