Electronic Components Datasheet Search
  English  ▼

X  

LM2841 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2841
Description  Input Step-Down DC/DC Regulator in Thin SOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2841 Datasheet(HTML) 4 Page - Texas Instruments

  LM2841 Datasheet HTML 1Page - Texas Instruments LM2841 Datasheet HTML 2Page - Texas Instruments LM2841 Datasheet HTML 3Page - Texas Instruments LM2841 Datasheet HTML 4Page - Texas Instruments LM2841 Datasheet HTML 5Page - Texas Instruments LM2841 Datasheet HTML 6Page - Texas Instruments LM2841 Datasheet HTML 7Page - Texas Instruments LM2841 Datasheet HTML 8Page - Texas Instruments LM2841 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LM2841, LM2842
SNVS540H – MARCH 2009 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics (continued)
Specifications in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating
Temperature Range ( TJ = −40°C to +125°C). Minimum and Maximum limits are specified through test, design, or statistical
correlation. Typical values represent the most likely parametric norm at TJ = +25°C, and are provided for reference purposes
only. Unless otherwise stated the following conditions apply: VIN = 12V.
Symbol
Parameter
Conditions
Min (1)
Typ (2)
Max (1)
Units
tON(min)
Minimum ON time
See (6)
100
150
ns
tOFF(min)
Minimum OFF time
X option
110
370
ns
Y option
104
200
ns
fSW
LM2840/41/42X, VFB = 0.5V
325
550
750
kHz
LM2840/41/42X, VFB = 0V
140
Switching frequency
LM2840/41/42Y, VFB = 0.5V
0.95
1.25
1.50
MHz
LM2840/41/42Y, VFB = 0V
0.35
DMAX
Maximum duty cycle
LM2840/41/42X
88
94
%
LM2840/41/42Y
81
87
VUVP
Undervoltage lockout
On threshold
4.4
3.7
V
thresholds
Off threshold
3.5
3.25
V SHDN
Shutdown threshold
Device on
2.3
1.0
V
Device off
0.9
0.3
ISHDN
Shutdown pin input bias current VSHDN = 2.3V
(5)
0.05
1.5
µA
VSHDN = 0V
0.02
1.5
THERMAL SPECIFICATIONS
RθJA
Junction-to-Ambient Thermal
See (7)
121
°C/W
Resistance, SOT-6L Package
RθJC
Junction-to-Case Thermal
94
°C/W
Resistance, SOT-6L Package
(6)
Minimum On Time specified by design and simulation.
(7)
All numbers apply for packages soldered directly onto a 3" x 3" PC board with 2 oz. copper on 4 layers in still air in accordance to
JEDEC standards. Thermal resistance varies greatly with layout, copper thickness, number of layers in PCB, power distribution, number
of thermal vias, board size, ambient temperature, and air flow.
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM2841 LM2842



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com