Electronic Components Datasheet Search
  English  ▼

X  

LM2841 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2841
Description  Input Step-Down DC/DC Regulator in Thin SOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2841 Datasheet(HTML) 1 Page - Texas Instruments

  LM2841 Datasheet HTML 1Page - Texas Instruments LM2841 Datasheet HTML 2Page - Texas Instruments LM2841 Datasheet HTML 3Page - Texas Instruments LM2841 Datasheet HTML 4Page - Texas Instruments LM2841 Datasheet HTML 5Page - Texas Instruments LM2841 Datasheet HTML 6Page - Texas Instruments LM2841 Datasheet HTML 7Page - Texas Instruments LM2841 Datasheet HTML 8Page - Texas Instruments LM2841 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FB
GND
SW
CB
SHDN
LM2840/1/2-ADJL
VOUT
VIN
L1
D1
R1
R2
VIN
CBOOT
CIN
COUT
LM2841, LM2842
www.ti.com
SNVS540H – MARCH 2009 – REVISED APRIL 2013
LM2840/LM2841/LM2842/ LM2840-Q1/LM2841-Q1/LM2842-Q1 100/300/600 mA 42V Input
Step-Down DC/DC Regulator in Thin SOT
Check for Samples: LM2841, LM2842
1
FEATURES
DESCRIPTION
The LM2840, LM2841 and LM2842 are PWM DC/DC
2
•
LM2840Q, LM2841-Q1 and LM2842-Q1 are
buck (step-down) regulators. With a wide input range
Automotive Grade Products that are AEC-Q100
from 4.5V-42V, they are suitable for a wide range of
Grade 1 Qualified (-40°C to +125°C Operating
applications
such
as
power
conditioning
from
Junction Temperature)
unregulated sources. They feature a low RDSON (0.9Ω
•
Input Voltage Range of 4.5V to 42V
typical) internal switch for maximum efficiency (85%
typical). Operating frequency is fixed at 550 kHz (X
•
Output Current Options of 100 mA, 300 mA
version) and 1.25 MHz (Y version) allowing the use of
and 600 mA
small external components while still being able to
•
Feedback Pin Voltage of 0.765V
have low output voltage ripple. Soft-start can be
•
550 kHz (X) or 1.25 MHz (Y) Switching
implemented using the shutdown pin with an external
Frequency
RC circuit allowing the user to tailor the soft-start time
to a specific application.
•
Low Shutdown IQ, 16 µA Typical
The LM2840 is optimized for up to 100 mA, the
•
Short Circuit Protected
LM2841 for 300 mA and the LM2842 is optimized for
•
Internally Compensated
up to 600 mA load currents. They all have a 0.765V
•
Soft-Start Circuitry
nominal feedback voltage.
•
Small Overall Solution Size (SOT-6L Package)
Additional features include: thermal shutdown, VIN
under-voltage lockout, and gate drive under-voltage
APPLICATIONS
lockout. The LM2840, LM2841 and LM2842 are
available in a low profile SOT-6L package.
•
Battery Powered Equipment
•
Industrial Distributed Power Applications
•
Portable Media Players
•
Portable Hand Held Instruments
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2841

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2841 NSC-LM2841 Datasheet
324Kb / 14P
300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
Texas Instruments
LM2841 TI1-LM2841 Datasheet
845Kb / 19P
LM2840/LM2841/LM2842/ LM2840-Q1/LM2841-Q1/LM2842-Q1 100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT
LM2841 TI2-LM2841 Datasheet
765Kb / 28P
LM284x SIMPLE SWITCHER® 4.5-V to 42-V Input, 0.1-, 0.3-, or 0.6-A Output Step-Down DC/DC Regulator in Thin SOT
REVISED APRIL 2019
LM2841 TI2-LM2841 Datasheet
766Kb / 28P
LM284x-Q1 Automotive SIMPLE SWITCHER® 4.5-V to 42-V Input, 0.1-, 0.3-, or 0.6-A Output Step-Down DC/DC Regulator in Thin SOT
APRIL 2019
LM2841-Q1 TI2-LM2841-Q1 Datasheet
765Kb / 28P
LM284x SIMPLE SWITCHER® 4.5-V to 42-V Input, 0.1-, 0.3-, or 0.6-A Output Step-Down DC/DC Regulator in Thin SOT
REVISED APRIL 2019
More results

Similar Description - LM2841

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2840 TI1-LM2840 Datasheet
271Kb / 15P
100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT-23
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
Thin SOT 1-A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com