Electronic Components Datasheet Search
  English  ▼

X  

LM5019 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5019
Description  100-V, 100-mA Constant On-Time Synchronous Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5019 Datasheet(HTML) 5 Page - Texas Instruments

  LM5019_15 Datasheet HTML 1Page - Texas Instruments LM5019_15 Datasheet HTML 2Page - Texas Instruments LM5019_15 Datasheet HTML 3Page - Texas Instruments LM5019_15 Datasheet HTML 4Page - Texas Instruments LM5019_15 Datasheet HTML 5Page - Texas Instruments LM5019_15 Datasheet HTML 6Page - Texas Instruments LM5019_15 Datasheet HTML 7Page - Texas Instruments LM5019_15 Datasheet HTML 8Page - Texas Instruments LM5019_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LM5019
www.ti.com
SNVS788F – JANUARY 2012 – REVISED DECEMBER 2014
6.5 Electrical Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over –40°C to 125°C junction temperature range
unless otherwise stated. VIN = 48 V unless stated otherwise. See
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC SUPPLY
VCC Reg
VCC Regulator Output
VIN = 48 V, ICC = 20 mA
6.25
7.6
8.55
V
VCC Current Limit
VIN = 48 V
(2)
26
mA
VCC Undervoltage Lockout Voltage
4.15
4.5
4.9
V
(VCC Increasing)
VCC Undervoltage Hysteresis
300
mV
VCC Drop Out Voltage
VIN = 9 V, ICC = 20 mA
2.3
V
IIN Operating Current
Non-Switching, FB = 3 V
1.75
mA
IIN Shutdown Current
UVLO = 0 V
50
225
µA
SWITCH CHARACTERISTICS
Buck Switch RDS(ON)
ITEST = 200 mA, BST-SW = 7 V
0.8
1.8
Ω
Synchronous RDS(ON)
ITEST = 200 mA
0.45
1
Ω
Gate Drive UVLO
VBST − VSW Rising
2.4
3
3.6
V
Gate Drive UVLO Hysteresis
260
mV
CURRENT LIMIT
Current Limit Threshold
–40°C
≤ TJ ≤ 125°C
150
240
300
mA
Current Limit Response Time
Time to Switch Off
150
ns
Off-Time Generator (Test 1)
FB = 0.1 V, VIN = 48 V
12
µs
Off-Time Generator (Test 2)
FB = 1 V, VIN = 48 V
2.5
µs
REGULATION AND OVERVOLTAGE COMPARATORS
Internal Reference Trip Point for
FB Regulation Level
1.2
1.225
1.25
V
Switch ON
FB Overvoltage Threshold
Trip Point for Switch OFF
1.62
V
FB Bias Current
60
nA
UNDERVOLTAGE SENSING FUNCTION
UV Threshold
UV Rising
1.19
1.225
1.26
V
UV Hysteresis Input Current
UV = 2.5 V
–10
–20
–29
µA
Remote Shutdown Threshold
Voltage at UVLO Falling
0.32
0.66
V
Remote Shutdown Hysteresis
110
mV
THERMAL SHUTDOWN
Tsd
Thermal Shutdown Temperature
165
°C
Thermal Shutdown Hysteresis
20
°C
(1)
All hot and cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying
statistical process control.
(2)
VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com