Electronic Components Datasheet Search
  English  ▼

X  

LM5019 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM5019
Description  100-V, 100-mA Constant On-Time Synchronous Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5019 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM5019_15 Datasheet HTML 18Page - Texas Instruments LM5019_15 Datasheet HTML 19Page - Texas Instruments LM5019_15 Datasheet HTML 20Page - Texas Instruments LM5019_15 Datasheet HTML 21Page - Texas Instruments LM5019_15 Datasheet HTML 22Page - Texas Instruments LM5019_15 Datasheet HTML 23Page - Texas Instruments LM5019_15 Datasheet HTML 24Page - Texas Instruments LM5019_15 Datasheet HTML 25Page - Texas Instruments LM5019_15 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
UVLO
3
RON
4
RTN
1
VIN
2
8
SW
7
BST
6
VCC
5
FB
Power
PAD-8
CIN
CVCC
LM5019
SNVS788F – JANUARY 2012 – REVISED DECEMBER 2014
www.ti.com
9 Power Supply Recommendations
LM5019 is a power management device. The power supply for the device is any DC voltage source within the
specified input range.
10 Layout
10.1 Layout Guidelines
A proper layout is essential for optimum performance of the circuit. In particular, the following guidelines should
be observed:
1. CIN: The loop consisting of input capacitor (CIN), VIN pin, and RTN pin carries switching currents. Therefore,
the input capacitor should be placed close to the IC, directly across VIN and RTN pins and the connections to
these two pins should be direct to minimize the loop area. In general it is not possible to accommodate all of
input capacitance near the IC. A good practice is to use a 0.1-
μF or 0.47-μF capacitor directly across the VIN
and RTN pins close to the IC, and the remaining bulk capacitor as close as possible (see Figure 23).
2. CVCC and CBST: The VCC and bootstrap (BST) bypass capacitors supply switching currents to the high and
low side gate drivers. These two capacitors should also be placed as close to the IC as possible, and the
connecting trace length and loop area should be minimized (see Figure 23).
3. The Feedback trace carries the output voltage information and a small ripple component that is necessary for
proper operation of LM5019. Therefore, care should be taken while routing the feedback trace to avoid
coupling any noise to this pin. In particular, feedback trace should not run close to magnetic components, or
parallel to any other switching trace.
4. SW trace: The SW node switches rapidly between VIN and GND every cycle and is therefore a possible
source of noise. The SW node area should be minimized. In particular, the SW node should not be
inadvertently connected to a copper plane or pour.
10.2 Layout Example
Figure 23. Placement of Bypass Capacitors
22
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: LM5019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com