Electronic Components Datasheet Search
  English  ▼

X  

UT4114 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT4114
Description  N-CHANNEL JUNCTIN SILICON FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4114 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT4114 Datasheet HTML 1Page - Unisonic Technologies UT4114 Datasheet HTML 2Page - Unisonic Technologies UT4114 Datasheet HTML 3Page - Unisonic Technologies UT4114 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UT4114
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-A78.b
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±16
V
Drain Current t
Continuous
(TJ=150°C)
TC= 25°C
ID
20
A
TC= 70°C
18.2
Pulsed
IDM
50
A
Continuous Source - Drain Diode
Current
TC= 25°C
IS
5.1
A
Single Pulsed Avalanche Current
L = 0.1mH
IAS
30
A
Single Pulsed Avalanche Energy
EAS
45
mJ
Power Dissipation
TC= 25°C
PD
5.7
W
Junction Temperature
TJ
-55 ~ 150
°C
Storage Temperature
TSTG
-55 ~ 150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Based on TC = 25 °C
3. Maximum under steadg state conditions is 85 °C/W.
4. Package limited.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note)
t ≤10 s
θJA
50
°C/W
Note: Surface Mounted on 1×1 FR4 board.
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
20
V
VDS Temperature Coefficient
△
VDS/TJ ID=250µA
19
mV/°C
Drain-Source Leakage Current
IDSS
VDS=20V, VGS=0V
1
µA
VDS=20V, VGS=0V, TJ=55°C
10
Gate- Source Leakage Current
Forward
IGSS
VGS=+16V, VDS=0V
+100
nA
Reverse
VGS=-16V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1.0
2.1
V
VGS(TH) Temperature Coefficient
△
VGS/TJ ID=250µA
-5.3
mV/°C
Static Drain-Source On-State Resistance
(Note 1)
RDS(ON)
VGS=10V, ID=10A
4.9
6
mΩ
VGS=4.5V, ID=7A
5.6
7
mΩ
Forward Transconductance (Note 1)
gFS
VDS=10V, ID=10A
55
S
On State Drain Current (Note 1)
ID(ON)
VGS=10V, VDS≥5V
30
A
DYNAMIC PARAMETERS
(Note 2)
Input Capacitance
CISS
VGS=0V, VDS=10V,
f=1.0MHz
3700
pF
Output Capacitance
COSS
745
pF
Reverse Transfer Capacitance
CRSS
315
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com