Electronic Components Datasheet Search
  English  ▼

X  

UT4114 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT4114
Description  N-CHANNEL JUNCTIN SILICON FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4114 Datasheet(HTML) 3 Page - Unisonic Technologies

  UT4114 Datasheet HTML 1Page - Unisonic Technologies UT4114 Datasheet HTML 2Page - Unisonic Technologies UT4114 Datasheet HTML 3Page - Unisonic Technologies UT4114 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UT4114
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-A78.b
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=10V, VDS=10V, ID=10A
62
95
nC
VGS=4.5V, VDS=10V,
ID=10A
27.5
42
nC
Gate to Source Charge
QGS
8.0
nC
Gate to Drain Charge
QGD
6.0
nC
Gate Resistance
RG
f=1.0MHz
0.15
0.7
1.4
Ω
Turn-ON Delay Time
tD(ON)
VDD=10V, RL=2Ω, ID≈5A,
VGEN=4.5V, RG=1Ω
30
55
ns
Rise Time
tR
13
25
ns
Turn-OFF Delay Time
tD(OFF)
60
100
ns
Fall-Time
tF
30
55
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
TC=25°C
5.1
A
Maximum Body-Diode Pulsed Current
(Note 1)
ISM
50
A
Drain-Source Diode Forward Voltage
VSD
IS=2A
0.71
1.1
V
Notes: 1. Pulse test; pulse width ≤ 300 µs, duty cycle ≤ 2 %
2. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com