Electronic Components Datasheet Search
  English  ▼

X  

LM20125 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM20125
Description  LM20125/LM20125Q 5A, 500kHz PowerWise짰 Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20125 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM20125 Datasheet HTML 5Page - Texas Instruments LM20125 Datasheet HTML 6Page - Texas Instruments LM20125 Datasheet HTML 7Page - Texas Instruments LM20125 Datasheet HTML 8Page - Texas Instruments LM20125 Datasheet HTML 9Page - Texas Instruments LM20125 Datasheet HTML 10Page - Texas Instruments LM20125 Datasheet HTML 11Page - Texas Instruments LM20125 Datasheet HTML 12Page - Texas Instruments LM20125 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
7.4A
+
-
COMP
CONTROL
LOGIC
CURRENT
LIMIT
OVERVOLTAGE
UNDERVOLTAGE
ERROR AMP
PWM COMPARATOR
SS/TRK
PGOOD
+
-
+2.7V
REGULATOR
PVIN
PVIN
THERMAL
PROTECTION
PGND
SW
AVIN
CURRENT SENSE
VCC
1.18V
UVLO
2.7V
AGND
OSCILLATOR
+
752 mV
864 mV
PG-L
PG-L
2.7V
5 PA
gm = 510 Pmho
800 mV
+
-
+
DISCHARGE
DISCHARGE
SLOPE COMP
DIODE
EMULATION
+
-
VREF
+
-
FB
EN
+
-
+
-
(50 Ps)
+
-
+
-
PVIN
LM20125
www.ti.com
SNVS525E – OCTOBER 2007 – REVISED MARCH 2013
BLOCK DIAGRAM
OPERATION DESCRIPTION
GENERAL
The LM20125 switching regulator features all of the functions necessary to implement an efficient low voltage
buck regulator using a minimum number of external components. This easy to use regulator features two
integrated switches and is capable of supplying up to 5A of continuous output current. The regulator utilizes peak
current mode control with nonlinear slope compensation to optimize stability and transient response over the
entire output voltage range. Peak current mode control also provides inherent line feed-forward, cycle-by-cycle
current limiting and easy loop compensation. The fixed 500 kHz operating frequency minimizes the inductor size
while still achieving efficiencies up to 96%. The precision internal voltage reference allows the output to be set as
low as 0.8V. Fault protection features include: current limiting, thermal shutdown, over voltage protection, and
shutdown capability. The device is available in the HTSSOP 16-pin package featuring an exposed pad to aid
thermal dissipation. The LM20125 can be used in numerous applications to efficiently step-down from a 5V or
3.3V bus. The typical application circuit for the LM20125 is shown in Figure 25 in the design guide.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM20125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com