Electronic Components Datasheet Search
  English  ▼

X  

LM20125 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM20125
Description  LM20125/LM20125Q 5A, 500kHz PowerWise짰 Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20125 Datasheet(HTML) 2 Page - Texas Instruments

  LM20125 Datasheet HTML 1Page - Texas Instruments LM20125 Datasheet HTML 2Page - Texas Instruments LM20125 Datasheet HTML 3Page - Texas Instruments LM20125 Datasheet HTML 4Page - Texas Instruments LM20125 Datasheet HTML 5Page - Texas Instruments LM20125 Datasheet HTML 6Page - Texas Instruments LM20125 Datasheet HTML 7Page - Texas Instruments LM20125 Datasheet HTML 8Page - Texas Instruments LM20125 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
FB
PGOOD
COMP
NC
PVIN
PVIN
SW
SS/TRK
AVIN
VCC
EN
PGND
PGND
SW
AGND
NC
EP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LM20125
SNVS525E – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Connection Diagram
Top View
See Package Number PWP0016A
PIN DESCRIPTIONS
Pin #
Name
Description
1
SS/TRK
Soft-Start or Tracking control input. An internal 5 µA current source charges an external capacitor to set the
soft-start ramp rate. If driven by a external source less than 800 mV, this pin overrides the internal reference
that sets the output voltage. If left open, an internal 1ms soft-start ramp is activated.
2
FB
Feedback input to the error amplifier from the regulated output. This pin is connected to the inverting input of
the internal transconductance error amplifier. An 800 mV reference connected to the non-inverting input of the
error amplifier sets the closed loop regulation voltage at the FB pin.
3
PGOOD
Power good output signal. Open drain output indicating the output voltage is regulating within tolerance. A
pull-up resistor of 10 k
Ω to 100 kΩ is recommend for most applications.
4
COMP
External compensation pin. Connect a resistor and capacitor to this pin to compensate the device.
5,16
NC
These pins must be connected to GND to ensure proper operation.
6,7
PVIN
Input voltage to the power switches inside the device. These pins should be connected together at the device.
A low ESR capacitor should be placed near these pins to stabilize the input voltage.
8,9
SW
Switch pin. The PWM output of the internal power switches.
10,11
PGND
Power ground pin for the internal power switches.
12
EN
Precision enable input for the device. An external voltage divider can be used to set the device turn-on
threshold. If not used the EN pin should be connected to PVIN.
13
VCC
Internal 2.7V sub-regulator. This pin should be bypassed with a 1 µF ceramic capacitor.
14
AVIN
Analog input supply that generates the internal bias. Must be connected to VIN through a low pass RC filter.
15
AGND
Quiet analog ground for the internal bias circuitry.
EP
Exposed Pad
Exposed metal pad on the underside of the package with a weak electrical connection to ground. It is
recommended to connect this pad to the PC board ground plane in order to improve heat dissipation.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com