Electronic Components Datasheet Search
  English  ▼

X  

LM22680 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM22680
Description  42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM22680 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM22680 Datasheet HTML 9Page - Texas Instruments LM22680 Datasheet HTML 10Page - Texas Instruments LM22680 Datasheet HTML 11Page - Texas Instruments LM22680 Datasheet HTML 12Page - Texas Instruments LM22680 Datasheet HTML 13Page - Texas Instruments LM22680 Datasheet HTML 14Page - Texas Instruments LM22680 Datasheet HTML 15Page - Texas Instruments LM22680 Datasheet HTML 16Page - Texas Instruments LM22680 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
5
10
15
20
25
30
35
40
45
SHORT CIRCUIT VOLTAGE (v)
SAFE OPERATING AREA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
5
10
15
20
25
30
35
40
45
SHORT CIRCUIT VOLTAGE (v)
SAFE OPERATING AREA
LM22680, LM22680-Q1
www.ti.com
SNVS595L – SEPTEMBER 2008 – REVISED NOVEMBER 2014
Device Functional Modes (continued)
If the overload drives the output voltage to less than or equal to Vx, the part will enter current foldback mode. If a
given application can drive the output voltage to
≤ Vx, during an overload, then a second criterion must be
checked. Equation 8 gives the maximum input voltage, when in this mode, before damage occurs.
(8)
Where:
Vsc is the value of output voltage during the overload.
fsw is the normal switching frequency.
NOTE
If the input voltage should exceed this value, while in foldback mode, the regulator and/or
the diode may be damaged.
It is important to note that the voltages in these equations are measured at the inductor. Normal trace and wiring
resistance will cause the voltage at the inductor to be higher than that at a remote load. Therefore, even if the
load is shorted with zero volts across its terminals, the inductor will still see a finite voltage. It is this value that
should be used for Vx and Vsc in the calculations. In order to return from foldback mode, the load must be
reduced to a value much lower than that required to initiate foldback. This load "hysteresis" is a normal aspect of
any type of current limit foldback associated with voltage regulators.
If the frequency synchronization feature is used, the current limit frequency fold-back is not operational, and the
system may not survive a hard short-circuit at the output.
The safe operating areas, when in short circuit mode, are shown in Figure 16 through Figure 18, for different
switching frequencies. Operating points below and to the right of the curve represent safe operation.
NOTE
Figure 16, Figure 17, and Figure 18 curves are not valid when the LM22680 is in
frequency synchronization mode.
Figure 16. SOA at 300 kHz
Figure 17. SOA at 500 kHz
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM22680 LM22680-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com