Electronic Components Datasheet Search
  English  ▼

X  

LM22680 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM22680
Description  42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM22680 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM22680 Datasheet HTML 17Page - Texas Instruments LM22680 Datasheet HTML 18Page - Texas Instruments LM22680 Datasheet HTML 19Page - Texas Instruments LM22680 Datasheet HTML 20Page - Texas Instruments LM22680 Datasheet HTML 21Page - Texas Instruments LM22680 Datasheet HTML 22Page - Texas Instruments LM22680 Datasheet HTML 23Page - Texas Instruments LM22680 Datasheet HTML 24Page - Texas Instruments LM22680 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
LM22680, LM22680-Q1
www.ti.com
SNVS595L – SEPTEMBER 2008 – REVISED NOVEMBER 2014
11 Device and Documentation Support
11.1 Documentation Support
11.1.1 Related Documentation
•
AN-2020 Thermal Design By Insight, Not Hindsight (SNVA419)
•
AN-1229 SIMPLE SWITCHER® PCB Layout Guidelines (SNVA054)
•
AN-1911 LM22680 Evaluation Board (SNVA378)
•
AN-1889 How to Measure the Loop Transfer Function of Power Supplies (SNVA364)
11.2 Related Links
The table below lists quick access links. Categories include technical documents, support and community
resources, tools and software, and quick access to sample or buy.
Table 1. Related Links
TECHNICAL
TOOLS &
SUPPORT &
PARTS
PRODUCT FOLDER
SAMPLE & BUY
DOCUMENTS
SOFTWARE
COMMUNITY
LM22680
Click here
Click here
Click here
Click here
Click here
LM22680-Q1
Click here
Click here
Click here
Click here
Click here
11.3 Trademarks
PowerPAD is a trademark of Texas Instruments.
WEBENCH, SIMPLE SWITCHER are registered trademarks of Texas Instruments.
All other trademarks are the property of their respective owners.
11.4 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
11.5 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
12 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM22680 LM22680-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com