Electronic Components Datasheet Search
  English  ▼

X  

LM25019 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM25019
Description  LM25019 48-V, 100-mA Constant On-Time Synchronous Buck Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25019 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM25019 Datasheet HTML 9Page - Texas Instruments LM25019 Datasheet HTML 10Page - Texas Instruments LM25019 Datasheet HTML 11Page - Texas Instruments LM25019 Datasheet HTML 12Page - Texas Instruments LM25019 Datasheet HTML 13Page - Texas Instruments LM25019 Datasheet HTML 14Page - Texas Instruments LM25019 Datasheet HTML 15Page - Texas Instruments LM25019 Datasheet HTML 16Page - Texas Instruments LM25019 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
VOUT
RFB2
VCC
RFB1
To FB
D
C1
R2
R1
D1
B
RFB1 x RFB2
RFB1 + RFB2
tS = C1 x (R2 +
)
RFB1 x RFB2
R2 x (RFB1 + RFB2) + RFB1 x RFB2
VFB = (VCC - VD) x
LM25019
www.ti.com
SNVS952D – DECEMBER 2012 – REVISED DECEMBER 2014
7.3.12 Soft Start
A soft-start feature can be implemented with the LM25019 device using an external circuit. As shown in
Figure 13, the soft-start circuit consists of one capacitor C1, two resistors, R1 and R2, and a diode, D. During the
initial start-up, the VCC voltage is established before the VOUT voltage. Capacitor C1 is discharged and D is
thereby forward biased. The FB voltage is pulled up above the reference voltage (1.225 V) and switching is
thereby disabled. As capacitor C1 charges, the voltage at node B gradually decreases and switching
commences. VOUT gradually rises to maintain the FB voltage at the reference voltage. Once the voltage at node
B is less than a diode drop above the FB voltage, the soft-start sequence is finished and D is reverse-biased.
During the initial part of the start-up, the FB voltage can be approximated as shown in Equation 8.
(8)
C1 is charged after the first start up. Diode D1 is optional and can be added to discharge C1 and initialize the
soft-start sequence when the input voltage experiences a momentary drop.
To achieve the desired soft-start, the following design guidance is recommended:
(1) R2 is selected so that VFB is higher than 1.225 V for a VCC of 4.5 V, but is lower than 5 V when VCC is 8.55 V.
If an external VCC is used, VFB should not exceed 5 V at maximum VCC.
(2) C1 is selected to achieve the desired start-up time that can be determined from Equation 9.
(9)
(3) R1 is used to maintain the node B voltage at zero after the soft-start is finished. A value larger than the
feedback resistor divider is preferred. The effect of resistor R1 is ignored in Equation 9.
With component values from the applications schematic shown in Figure 14, selecting C1 = 1 uF, R2 = 1 kΩ, R1 =
30 k
Ω results in a soft-start time of about 2 ms.
Figure 13. Soft-Start Circuit
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM25019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com