Electronic Components Datasheet Search
  English  ▼

X  

LM25019 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM25019
Description  LM25019 48-V, 100-mA Constant On-Time Synchronous Buck Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25019 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM25019 Datasheet HTML 12Page - Texas Instruments LM25019 Datasheet HTML 13Page - Texas Instruments LM25019 Datasheet HTML 14Page - Texas Instruments LM25019 Datasheet HTML 15Page - Texas Instruments LM25019 Datasheet HTML 16Page - Texas Instruments LM25019 Datasheet HTML 17Page - Texas Instruments LM25019 Datasheet HTML 18Page - Texas Instruments LM25019 Datasheet HTML 19Page - Texas Instruments LM25019 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
ûIL
COUT =
8 x Csw x ûVripple
VIN - VOUT
ûIL =
L1 x CSW
VOUT
VIN
x
VOUT
CSW =
K x RON
DMIN
CSW(MAX) =
TON(MIN)
10/48
100 ns
=
= 2.1 MHz
1 - DMAX
CSW(MAX) =
TOFF(MIN)
1 - 10/12.5
200 ns
=
= 1 MHz
LM25019
SNVS952D – DECEMBER 2012 – REVISED DECEMBER 2014
www.ti.com
8.2.2 Detailed Design Procedure
8.2.2.1 RFB1, RFB2
VOUT = VFB × (RFB2 / RFB1 + 1), and because VFB = 1.225 V, the ratio of RFB2 to RFB1 calculates as 7:1. Standard
values are chosen with RFB2 = R1 = 6.98 kΩ and RFB1 = R6 = 1.00 kΩ. Other values could be used as long as
the 7:1 ratio is maintained.
8.2.2.2 Frequency Selection
At the minimum input voltage, the maximum switching frequency of LM25019 is restricted by the forced minimum
off-time (TOFF(MIN)) as shown in Equation 10.
(10)
Similarly, at maximum input voltage, the maximum switching frequency of LM25019 is restricted by the minimum
TON as shown in Equation 11.
(11)
Resistor RON sets the nominal switching frequency based on Equation 12.
(12)
Where:
K = 9 x 10–11
Operation at high switching frequency results in lower efficiency while providing the smallest solution. Using
440 kHz as the target swtiching frequency, the calculated valued of RON is 253 kΩ. The standard value for RON =
R3 = 237 k
Ω is selected.
8.2.2.3 Inductor Selection
The inductance selection is a compromise between solution size, output ripple, and efficiency. The peak inductor
current at maximum load current should be smaller than the minimum current limit of 150 mA. The maximum
permissible peak to peak inductor ripple is determined by Equation 13.
ΔIL = 2 × (ILIM(min) – IOUT(max)) = 2 × 50 = 100 mA
(13)
The minimum inductance is determined by Equation 14.
(14)
Using maximum VIN of 48V, the calculation from Equation 14 results in L = 179 μH. A standard value of 220 μH
is selected. For proper operation, the inductor saturation current should be higher than the peak current
encountered in the application. For robust short circuit protection, the inductor saturation current should be higher
than the maximum current limit of 300 mA.
8.2.2.4 Output Capacitor
The output capacitor is selected to minimize the capacitive ripple across it. The maximum ripple is observed at
maximum input voltage and is shown in Equation 15.
(15)
Where:
ΔVripple is the voltage ripple across the capacitor and ΔIL is calculated using Equation 14.
Substituting
ΔVripple = 5 mV gives COUT = 4.65 μF. A 4.7-μF standard value is selected for COUT =C9. An X5R or
X7R type capacitor with a voltage rating 16 V or higher should be selected.
16
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: LM25019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com