Electronic Components Datasheet Search
  English  ▼

X  

TLE42994G Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE42994G
Description  Extreme Low Current Consumption In ON State
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994G Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE42994G Datasheet HTML 8Page - Infineon Technologies AG TLE42994G Datasheet HTML 9Page - Infineon Technologies AG TLE42994G Datasheet HTML 10Page - Infineon Technologies AG TLE42994G Datasheet HTML 11Page - Infineon Technologies AG TLE42994G Datasheet HTML 12Page - Infineon Technologies AG TLE42994G Datasheet HTML 13Page - Infineon Technologies AG TLE42994G Datasheet HTML 14Page - Infineon Technologies AG TLE42994G Datasheet HTML 15Page - Infineon Technologies AG TLE42994G Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Data Sheet
12
Rev. 1.2, 2014-07-03
TLE42994
General Product Characteristics
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
Table 2
Functional Range
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ. Max.
Input Voltage
V
I
5.5
–
45
V
–
P_4.2.1
Output Capacitor’s Requirements
for Stability
C
Q
22
–
–
µF
–1)
1) the minimum output capacitance requirement is applicable for a worst case capacitance tolerance of 30%
P_4.2.2
Output Capacitor’s Requirements
for Stability
ESR(C
Q)
––
3
Ω
–2)
2) relevant ESR value at
f =10kHz
P_4.2.3
Junction Temperature
T
j
-40
–
150
°C
–
P_4.2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com