Electronic Components Datasheet Search
  English  ▼

X  

TLE42994G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE42994G
Description  Extreme Low Current Consumption In ON State
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE42994G Datasheet HTML 1Page - Infineon Technologies AG TLE42994G Datasheet HTML 2Page - Infineon Technologies AG TLE42994G Datasheet HTML 3Page - Infineon Technologies AG TLE42994G Datasheet HTML 4Page - Infineon Technologies AG TLE42994G Datasheet HTML 5Page - Infineon Technologies AG TLE42994G Datasheet HTML 6Page - Infineon Technologies AG TLE42994G Datasheet HTML 7Page - Infineon Technologies AG TLE42994G Datasheet HTML 8Page - Infineon Technologies AG TLE42994G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Type
Package
Marking
TLE42994G
PG-DSO-8
42994G
TLE42994GM
PG-DSO-14
42994GM
TLE42994E
PG-SSOP-14 exposed pad
42994E
PG-DSO-8
PG-DSO-14
PG-SSOP-14 exposed pad
Data Sheet
2
Rev. 1.2, 2014-07-03
Low Dropout Fixed Voltage Regulator
TLE42994
1Overview
Features
•
Output Voltage 5 V ± 2%
•
Ouput Current up to 150 mA
•
Extreme Low Current Consumption In ON State
•
Enable Function: Below 1 µA Current Consumption In OFF State
•
Early Warning
•
Power-on and Undervoltage Reset with Programmable Delay Time
•
Reset Low Down to
V
Q = 1 V
•
Adjustable Reset Threshold
•
Very Low Dropout Voltage
•
Output Current Limitation
•
Reverse Polarity Protection
•
Overtemperature Protection
•
Suitable for Use in Automotive Electronics
•
Wide Temperature Range from -40 °C up to 150 °C
•
Input Voltage Range from -42 V to 45 V
•
Green Product (RoHS compliant)
•
AEC Qualified
Description
The TLE42994 is a monolithic integrated low dropout voltage regulator,
especially designed for automotive applications that need to be in ON
state during the car’s engine is turned off. An input voltage up to 45 V
is regulated to an output voltage of 5.0 V. The component is able to
drive loads up to 150 mA. It is short-circuit protected by the
implemented current limitation and has an integrated overtemperature
shutdown. A reset signal is generated for an output voltage
V
Q,rt of
typically 4.65 V. This threshold can be decreased by an external



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com