Electronic Components Datasheet Search
  English  ▼

X  

PE82P2000 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE82P2000
Description  Analog Phase Shifter, 5 GHz to 18 GHz, With an Adjustable Phase of 40 Deg. Per GHz and SMA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE82P2000 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE82P2000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE82P2000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE82P2000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE82P2000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE82P2000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE82P2000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE82P2000 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE82P2000 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
TECHNICAL DATA SHEET
0
1
2
3
4
5
6
7
8
9
10
6GHz
0
164
247
318
378
430
474
511
544
573
600
12GHz
0
61
97
128
154
177
198
216
234
250
265
18GHz
0
37
55
69
81
91
101
110
118
126
133
0
100
200
300
400
500
600
700
Control Voltage (V)
Typical Phase Shift vs. Control Voltage
PE82P2000
PE82P2000 REV 1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Analog Phase Shifter, 5 GHz to 18 GHz, With an Adjustable Phase of 40 Deg. Per GHz and
SMA PE82P2000
Analog Phase Shifter, 5 GHz to 18 GHz, With an
Adjustable Phase of 40 Deg. Per GHz and SMA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com