Electronic Components Datasheet Search
  English  ▼

X  

PE82P2000 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE82P2000
Description  Analog Phase Shifter, 5 GHz to 18 GHz, With an Adjustable Phase of 40 Deg. Per GHz and SMA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE82P2000 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE82P2000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE82P2000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE82P2000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE82P2000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE82P2000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE82P2000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE82P2000 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE82P2000 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
TECHNICAL DATA SHEET
The PE82P2000 is an Analog Phase Shifter with 400 Deg Typ Phase Range with a Control Voltage Range of 0- 10 VDC and
a Modulation Bandwidth of 50 MHz over the Operating Frequency Range from 5 GHz to 18 GHz. The PE82P2000 is offered
in a slim line housing measuring only 0.5” Height.
Features
• Analog Phase Shifter
• 5 GHz to 18 GHz Frequency Range
• 400 Deg Typ Phase Shift
• 0 - 10 VDC Control Voltage Range
• 1 Watt CW Max InputPower
• Insertion Loss 8 dB Typ
• 50 MHz Modulation Bandwidth
Applications
• Electronic Warfare
• Test & Measurement
• Military & Space
• Radar
• Military Communications Systems
• Phased Arrays
• Tracking Systems
• Direction Finding Systems
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
5
18
GHz
Phase Shift Range
5 to 10 GHz
180°
400°
10 to 13 GHz
135°
200°
13 to 18 GHz
45°
120°
.
Insertion Loss
5 to 10 GHz
8
12
dB
10 to 18 GHz
4
7
dB
.
Return Loss (In/Out)
8
dB
Control Voltage Range
0
10
Volts
Modulation Bandwidth
50
MHz
Phase Voltage Sensitivity
40
Deg/Volt
Insertion Phase Temp Sensitivity
0.5
Deg/Volt
Power Handling Capability
Without Degradation
1
Watts
.
. .
Absolute Maximum Rating
Parameter
Rating
Units
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Analog Phase Shifter, 5 GHz to 18 GHz, With an Adjustable Phase of 40 Deg. Per GHz and
SMA PE82P2000
PE82P2000
PE82P2000 REV 1
Analog Phase Shifter, 5 GHz to 18 GHz, With an
Adjustable Phase of 40 Deg. Per GHz and SMA


Similar Part No. - PE82P2000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE82P2001 PASTERNACK-PE82P2001 Datasheet
427Kb / 7P
Phase Shifters and Trimmers Technical Data Sheet
More results

Similar Description - PE82P2000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8040 PASTERNACK-PE8040 Datasheet
114Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 2 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8244 PASTERNACK-PE8244 Datasheet
212Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 4 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8245 PASTERNACK-PE8245 Datasheet
214Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 8 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8246 PASTERNACK-PE8246 Datasheet
214Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 12 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8247 PASTERNACK-PE8247 Datasheet
214Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8203 PASTERNACK-PE8203 Datasheet
356Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 18 GHz With an Adjustable Phase of 9.50 Deg. Per GHz
PE8243 PASTERNACK-PE8243 Datasheet
215Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Trimmer Operating From DC to 2 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
PE8253 PASTERNACK-PE8253 Datasheet
211Kb / 3P
50 Ohm SMA To SMA Phase Shifter Operating From 18 GHz to 26.5 GHz With an Adjustable Phase of 30.00 Deg. Per GHz
PE8254 PASTERNACK-PE8254 Datasheet
245Kb / 3P
50 Ohm 2.92mm To 2.92mm Phase Shifter Operating From 26.5 GHz to 40 GHz With an Adjustable Phase of 30.00 Deg. Per GHz
PE8255 PASTERNACK-PE8255 Datasheet
365Kb / 3P
50 Ohm SMA To SMA Adjustable Phase Shifter Operating From DC to 18 GHz With an Adjustable Phase of 60.00 Deg. Per GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com