Electronic Components Datasheet Search
  English  ▼

X  

PE360 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE360
Description  2.92mm Male to 2.92mm Male Test Cable Using PE-P160 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE360 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE360 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE360 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE360 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE360 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Frequency 7
Frequency, GHz
26
Insertion Loss
0.75 dB/ft [2.46 dB/m ]
Power Handling, Watts
190
Frequency 8
Frequency, GHz
32
Insertion Loss
0.85 dB/ft [2.79 dB/m ]
Power Handling, Watts
170
Frequency 9
Frequency, GHz
40
Insertion Loss
0.97 dB/ft [3.18 dB/m ]
Power Handling, Watts
150
Mechanical Specifications
Cable Assembly
Cable Type
PE-P160
Temperature
Temperature Operating Range, deg C
-65 to +165
Temperature Storage Range, deg C
-65 to +200
Diameter, in [mm]
0.33 [8.38]
.
Weight, lbs [g]
0.03 [13.61]
Cable Color
Gray
One Time Minimum Bend Radius, in [mm]
0.8 [20.32]
Repeated Minimum Bend Radius, in [mm]
0.24 [6.1]
Cable
Cable Inner Conductor
Copper, Silver
No of Shields
3
Cable Outer Conductor
Copper, Silver
Dielectric Type
PTFE
Jacket Material
ETFE
Jacket Diameter, in [mm]
0.16 [4.06]
Connector 1
Type
2.92mm Male
Configuration
Straight
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
ASTM-B488 50µ In. Minimum
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2700
Hex Size, Inch
5/16
PE360 REV 1.2
PE360
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Male to 2.92mm Male Test Cable Using PE-P160 Coax, RoHS PE360
2.92mm Male to 2.92mm Male Test Cable
Using PE-P160 Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com