Electronic Components Datasheet Search
  English  ▼

X  

PE360 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE360
Description  2.92mm Male to 2.92mm Male Test Cable Using PE-P160 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE360 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE360 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE360 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE360 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE360 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
2.92mm Male to 2.92mm Male Test Cable Using PE-P160 Coax, RoHS
Configuration
Connector 1
2.92mm Male
Connector 2
2.92mm Male
Cable Type
PE-P160
Electrical Specifications
Frequency Range, GHz
DC to 40
Impedance, Ohms
50
Maximum VSWR
1.35:1
Velocity of Propagation, %
78
RF Shielding, dB
90
Typical Performance by Frequency
Frequency 1
Frequency, MHz
500
Insertion Loss
0.9 dB/ft [2.95 dB/m ]
Power Handling, KWatts
1.52
Frequency 2
Frequency, MHz
1000
Insertion Loss
0.13 dB/ft [0.43 dB/m ]
Power Handling, KWatts
1.07
Frequency 3
Frequency, GHz
3
Insertion Loss
0.23 dB/ft [0.75 dB/m ]
Power Handling, Watts
610
Frequency 4
Frequency, GHz
6
Insertion Loss
0.33 dB/ft [1.08 dB/m ]
Power Handling, Watts
420
Frequency 5
Frequency, GHz
12
Insertion Loss
0.48 dB/ft [1.57 dB/m ]
Power Handling, Watts
290
Frequency 6
Frequency, GHz
18
Insertion Loss
0.61 dB/ft [2 dB/m ]
Power Handling, Watts
230
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Male to 2.92mm Male Test Cable Using PE-P160 Coax, RoHS PE360
PE360 REV 1.2
PE360
2.92mm Male to 2.92mm Male Test Cable
Using PE-P160 Coax, RoHS


Similar Part No. - PE360

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE360-100CM PASTERNACK-PE360-100CM Datasheet
431Kb / 5P
2.92mm Male to 2.92mm Male Test Cable 100 cm Length Using PE-P160 Coax with HeatShrink, LF Solder, RoHS
PE360-12 PASTERNACK-PE360-12 Datasheet
431Kb / 5P
2.92mm Male to 2.92mm Male Test Cable 12 Inch Length Using PE-P160 Coax with HeatShrink, LF Solder, RoHS
PE360-150CM PASTERNACK-PE360-150CM Datasheet
430Kb / 5P
2.92mm Male to 2.92mm Male Test Cable 150 cm Length Using PE-P160 Coax with HeatShrink, LF Solder, RoHS
PE360-200CM PASTERNACK-PE360-200CM Datasheet
442Kb / 5P
2.92mm Male to 2.92mm Male Test Cable 200 cm Length Using PE-P160 Coax with HeatShrink
PE360-24 PASTERNACK-PE360-24 Datasheet
431Kb / 5P
2.92mm Male to 2.92mm Male Test Cable 24 Inch Length Using PE-P160 Coax with HeatShrink, LF Solder, RoHS
More results

Similar Description - PE360

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE360-50CM PASTERNACK-PE360-50CM Datasheet
429Kb / 5P
2.92mm Male to 2.92mm Male Test Cable 50 cm Length Using PE-P160 Coax with HeatShrink
PE360-200CM PASTERNACK-PE360-200CM Datasheet
442Kb / 5P
2.92mm Male to 2.92mm Male Test Cable 200 cm Length Using PE-P160 Coax with HeatShrink
PE361 PASTERNACK-PE361 Datasheet
487Kb / 4P
2.92mm Male to 2.92mm Female Test Cable Using PE-P160 Coax, RoHS
PE361-36 PASTERNACK-PE361-36 Datasheet
486Kb / 4P
2.92mm Male to 2.92mm Female Test Cable 36 Inch Length Using PE-P160 Coax, RoHS
PE361-48 PASTERNACK-PE361-48 Datasheet
486Kb / 4P
2.92mm Male to 2.92mm Female Test Cable 48 Inch Length Using PE-P160 Coax, RoHS
PE361-100CM PASTERNACK-PE361-100CM Datasheet
497Kb / 4P
2.92mm Male to 2.92mm Female Test Cable 100 CM Length Using PE-P160 Coax, RoHS
PE361-150CM PASTERNACK-PE361-150CM Datasheet
486Kb / 4P
2.92mm Male to 2.92mm Female Test Cable 150 CM Length Using PE-P160 Coax, RoHS
PE371 PASTERNACK-PE371 Datasheet
473Kb / 4P
2.92mm Male to 2.92mm Male Cable Using PE-P102 Coax, RoHS
PE3C0666 PASTERNACK-PE3C0666 Datasheet
449Kb / 4P
2.92mm Male to 2.92mm Male Cable Using PE-P086 Coax, RoHS
PE3C1377LF PASTERNACK-PE3C1377LF Datasheet
843Kb / 5P
2.92mm Male to 2.92mm Male Cable Using PE-SR405FL Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com