Electronic Components Datasheet Search
  English  ▼

X  

PE369 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE369
Description  3.5mm Male to 3.5mm Male Test Cable Using PE-P160 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE369 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE369 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE369 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE369 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE369 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
How to Order
Part Number Configuration:
PE369
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE369-12 = 12 inches long cable
PE369-100cm = 100 cm long cable
3.5mm Male to 3.5mm Male Test Cable Using PE-P160 Coax, RoHS from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3.5mm Male to 3.5mm Male Test Cable Using PE-P160 Coax, RoHS PE369
URL: http://www.pasternack.com/3.5mm-male-3.5mm-male-pe-p160-cable-assembly-pe369-p.aspx
PE369 REV 1.0
RF Cable Assemblies Technical Data Sheet
3.5mm Male to 3.5mm Male Test Cable
Using PE-P160 Coax, RoHS
PE369



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com