Electronic Components Datasheet Search
  English  ▼

X  

PE369 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE369
Description  3.5mm Male to 3.5mm Male Test Cable Using PE-P160 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE369 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE369 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE369 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE369 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE369 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: 3.5mm Male
• Connector 2: 3.5mm Male
• Cable Type: PE-P160
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
34
GHz
VSWR
1.4:1
Velocity of Propagation
78
%
RF Shielding
90
dB
Capacitance
26 [85.3]
pF/ft [pF/m]
Inductance
66 [216.54]
uH/ft [uH/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
3
6
12
18
34
GHz
Insertion Loss (Max.)
0.23
0.33
0.48
0.6
0.9
dB/ft
[0.75]
[1.08]
[1.57]
[1.97]
[2.95]
[dB/m]
Power Handling (Max.)
620
420
290
200
160
Watts
.
Electrical Specification Notes:
Insertion Loss does not include connector loss: 0.29 dB per connector @ 34 GHz
Mechanical Specifications
Cable Assembly
Diameter
0.33 in [8.38 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3.5mm Male to 3.5mm Male Test Cable Using PE-P160 Coax, RoHS PE369
PE369 REV 1.0
3.5mm Male to 3.5mm Male Test Cable
Using PE-P160 Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE369


Similar Part No. - PE369

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE369-100CM PASTERNACK-PE369-100CM Datasheet
382Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 100 CM Length Using PE-P160 Coax, RoHS
PE369-150CM PASTERNACK-PE369-150CM Datasheet
382Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 150 CM Length Using PE-P160 Coax, RoHS
PE369-36 PASTERNACK-PE369-36 Datasheet
393Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 36 Inch Length Using PE-P160 Coax, RoHS
PE369-48 PASTERNACK-PE369-48 Datasheet
382Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 48 Inch Length Using PE-P160 Coax, RoHS
PE369-60 PASTERNACK-PE369-60 Datasheet
381Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 60 Inch Length Using PE-P160 Coax
More results

Similar Description - PE369

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE315-36 PASTERNACK-PE315-36 Datasheet
242Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 36 Inch Length Using VNA Cable Coax, RoHS
PE315-72 PASTERNACK-PE315-72 Datasheet
242Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 72 Inch Length Using VNA Cable Coax, RoHS
PE315 PASTERNACK-PE315 Datasheet
333Kb / 4P
3.5mm Male to 3.5mm Male VNA Test Cable, ROHS
PE34576 PASTERNACK-PE34576 Datasheet
375Kb / 4P
3.5mm Male to 3.5mm Male Cable Using PE-SR405AL Coax
PE366 PASTERNACK-PE366 Datasheet
381Kb / 4P
SMA Male to SMA Male Test Cable Using PE-P160 Coax, RoHS
PE369-36 PASTERNACK-PE369-36 Datasheet
393Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 36 Inch Length Using PE-P160 Coax, RoHS
PE369-48 PASTERNACK-PE369-48 Datasheet
382Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 48 Inch Length Using PE-P160 Coax, RoHS
PE369-60 PASTERNACK-PE369-60 Datasheet
381Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 60 Inch Length Using PE-P160 Coax
PE369-100CM PASTERNACK-PE369-100CM Datasheet
382Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 100 CM Length Using PE-P160 Coax, RoHS
PE369-150CM PASTERNACK-PE369-150CM Datasheet
382Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 150 CM Length Using PE-P160 Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com