Electronic Components Datasheet Search
  English  ▼

X  

TC1728 Datasheet(PDF) 71 Page - Infineon Technologies AG

Part # TC1728
Description  32-Bit Single-Chip Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1728 Datasheet(HTML) 71 Page - Infineon Technologies AG

Back Button TC1728 Datasheet HTML 67Page - Infineon Technologies AG TC1728 Datasheet HTML 68Page - Infineon Technologies AG TC1728 Datasheet HTML 69Page - Infineon Technologies AG TC1728 Datasheet HTML 70Page - Infineon Technologies AG TC1728 Datasheet HTML 71Page - Infineon Technologies AG TC1728 Datasheet HTML 72Page - Infineon Technologies AG TC1728 Datasheet HTML 73Page - Infineon Technologies AG TC1728 Datasheet HTML 74Page - Infineon Technologies AG TC1728 Datasheet HTML 75Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 130 page
background image
TC1728
Electrical Parameters
Data Sheet
5-25
V1.2, 2014-06
ON resistance for the
ADC test (pull down for
AIN7)
RAIN7T
CC
180
550 900
Ohm
Test feature
available only
for odd AINx
pins
Resistance of the
reference voltage input
path
RAREF
CC
−
500 1000
Ohm
500 Ohm
increased if
AIN[1:0] used
as reference
input
Broken wire detection
delay against VAGND
tBWG CC −−
50
13)
Broken wire detection
delay against VAREF
tBWR CC −−
50
14)
Sample time
tS CC
2
−
257
TADCI
Calibration time after bit
ADC_GLOBCFG.SUCAL
is set
tCAL CC
−−
4352
cycles
Total Unadjusted
Error5)6)15)
TUE CC -4
−
416)
LSB
ADC
resolution= 12-
bit
Wakeup time from analog
powerdown, fast mode
tAWAF
CC
−−
5
μs
Wakeup time from analog
powerdown, slow mode
tAWAS
CC
−−
10
μs
Analog reference
ground2)
VAGND0
SR
VSSM -
0.05
−
VAREF0
-
VDDM/2
V
Analog input voltage
VAIN SR VAGND0
−
VAREF0 V
Analog reference
voltage2)
VAREF0
SR
VAGND0
+
VDDM/2
−
VDDM +
0.0517)
18)
V
Analog reference voltage
range5)6)2)
VAREF0 -
VAGND0
SR
VDDM/2
−
VDDM +
0.05
V
Table 21
5V ADC Parameters
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com