Electronic Components Datasheet Search
  English  ▼

X  

TC1728 Datasheet(PDF) 95 Page - Infineon Technologies AG

Part # TC1728
Description  32-Bit Single-Chip Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1728 Datasheet(HTML) 95 Page - Infineon Technologies AG

Back Button TC1728 Datasheet HTML 91Page - Infineon Technologies AG TC1728 Datasheet HTML 92Page - Infineon Technologies AG TC1728 Datasheet HTML 93Page - Infineon Technologies AG TC1728 Datasheet HTML 94Page - Infineon Technologies AG TC1728 Datasheet HTML 95Page - Infineon Technologies AG TC1728 Datasheet HTML 96Page - Infineon Technologies AG TC1728 Datasheet HTML 97Page - Infineon Technologies AG TC1728 Datasheet HTML 98Page - Infineon Technologies AG TC1728 Datasheet HTML 99Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 130 page
background image
TC1728
Electrical Parameters
Data Sheet
5-49
V1.2, 2014-06
•
During power-up and power-down, the voltage difference between the power supply
pins of the same voltage (3.3 V, 1.3 V, and 5 V) with different names, that are
internally connected via diodes, must be lower than 100 mV. On the other hand, all
power supply pins with the same name (for example all VDDP), are internally directly
connected. It is recommended that the power pins of the same voltage are driven by
a single power supply.
•
The PORST signal may be deactivated after all VDD5, VDDP, VDD, and VAREF0
power-supplies and the oscillator have reached stable operation, within the normal
operating conditions.
•
At normal power down the PORST signal should be activated within the normal
operating range, and then the power supplies may be switched off. Care must be
taken that all Flash write or delete sequences have been completed.
•
At power fail the PORST signal must be activated at latest when any 3.3 V or 1.3 V
power supply voltage falls 10% below the nominal level. If, under these conditions,
the PORST is activated during a Flash write, only the memory row that was the target
of the write at the moment of the power loss will contain unreliable content. In order
to ensure clean power-down behavior, the PORST signal should be activated as
close as possible to the normal operating voltage range.
•
In case of a power-loss at any power-supply, all power supplies must be powered-
down, conforming at the same time to the rules number 2 and 4.
•
Although not necessary, it is additionally recommended that all power supplies are
powered-up/down together in a controlled way, as tight to each other as possible.
•
Additionally, regarding the ADC reference voltage VAREF0:
– VAREF0 must power-up at the same time or later then VDDM, and
– VAREF0 must power-down either earlier or at latest to satisfy the condition
VAREF0 < VDDM + 0.5 V. This is required in order to prevent discharge of
VAREF0 filter capacitance through the ESD diodes through the VDDM power
supply. In case of discharging the reference capacitance through the ESD diodes,
the current must be lower than 5 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com