Electronic Components Datasheet Search
  English  ▼

X  

TLE42644 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE42644
Description  Very Low Dropout Voltage
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42644 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE42644 Datasheet HTML 2Page - Infineon Technologies AG TLE42644 Datasheet HTML 3Page - Infineon Technologies AG TLE42644 Datasheet HTML 4Page - Infineon Technologies AG TLE42644 Datasheet HTML 5Page - Infineon Technologies AG TLE42644 Datasheet HTML 6Page - Infineon Technologies AG TLE42644 Datasheet HTML 7Page - Infineon Technologies AG TLE42644 Datasheet HTML 8Page - Infineon Technologies AG TLE42644 Datasheet HTML 9Page - Infineon Technologies AG TLE42644 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Data Sheet
6
Rev. 1.1, 2014-07-03
TLE42644
General Product Characteristics
Note: Within the functional or operating range, the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the Electrical Characteristics table.
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
Output Capacitor’s
Requirements for Stability
ESR(C
Q)
––
2
Ω
1)
P_4.2.3
Junction temperature
T
j
-40
–
150
°C
–
P_4.2.4
1) relevant ESR value at
f =10kHz
Table 3
Thermal Resistance
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.
TLE42644G (PG-SOT223-4)
Junction to Case1)
1) Not subject to production test, specified by design.
R
thJC
–
17
–
K/W
measured to heat slug
P_4.3.1
Junction to Ambient1)
R
thJA
–
54
–
K/W
FR4 2s2p board2)
2) Specified
R
thJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The Product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm³ board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu).
Where applicable a thermal via array under the exposed pad contacted the first inner copper layer.
P_4.3.2
Junction to Ambient1)
R
thJA
–
139
–
K/W
FR4 1s0p board, footprint
only3)
3) Specified
R
thJA value is according to Jedec JESD 51-3 at natural convection on FR4 1s0p board; The Product
(Chip+Package) was simulated on a 76.2 × 114.3 × 1.5 mm3 board with 1 copper layer (1 x 70µm Cu).
P_4.3.3
Junction to Ambient1)
R
thJA
–
73
–
K/W
FR4 1s0p board,
300 mm² heatsink area3)
P_4.3.4
Junction to Ambient1)
R
thJA
–
64
–
K/W
FR4 1s0p board,
600 mm² heatsink area3)
P_4.3.5
Table 2
Functional Range (cont’d)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com