Electronic Components Datasheet Search
  English  ▼

X  

TLE42644 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE42644
Description  Very Low Dropout Voltage
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42644 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE42644 Datasheet HTML 7Page - Infineon Technologies AG TLE42644 Datasheet HTML 8Page - Infineon Technologies AG TLE42644 Datasheet HTML 9Page - Infineon Technologies AG TLE42644 Datasheet HTML 10Page - Infineon Technologies AG TLE42644 Datasheet HTML 11Page - Infineon Technologies AG TLE42644 Datasheet HTML 12Page - Infineon Technologies AG TLE42644 Datasheet HTML 13Page - Infineon Technologies AG TLE42644 Datasheet HTML 14Page - Infineon Technologies AG TLE42644 Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TLE42644
Application Information
Data Sheet
11
Rev. 1.1, 2014-07-03
TLE42644 is designed to be stable with extremely low ESR capacitors. According to the automotive environment,
ceramic capacitors with X5R or X7R dielectrics are recommended.
The output capacitor should be placed as close as possible to the regulator’s output and GND pins and on the
same side of the PCB as the regulator itself.
In case of rapid transients of input voltage or load current, the capacitance should be dimensioned in accordance
and verified in the real application that the output stability requirements are fulfilled.
6.3
Thermal Considerations
Knowing the input voltage, the output voltage and the load profile of the application, the total power dissipation
can be calculated:
(1)
with
•
P
D: continuous power dissipation
•
V
I: input voltage
•
V
Q: output voltage
•
I
Q: output current
•
I
q: quiescent current
The maximum acceptable thermal resistance
R
thJA can then be calculated:
(2)
with
•
T
j,max: maximum allowed junction temperature
•
T
a: ambient temperature
Based on the above calculation the proper PCB type and the necessary heat sink area can be determined with
reference to the specification in “Thermal Resistance” on Page 6.
Example
Application conditions:
V
I = 13.5 V
V
Q = 5 V
I
Q = 50 mA
T
a = 105 °C
Calculation of
R
thJA,max:
P
D =(VI – VQ) • IQ + VI • Iq
= (13.5 V – 5 V) • 50 mA + 13.5 V • 4 mA
= 0.425 W + 0.054 W
=0.479 W
PD
VI VQ
–
() I
Q
VI Iq
×
+
×
=
RthJA max
,
Tjmax
,
Ta
–
PD
----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com