Electronic Components Datasheet Search
  English  ▼

X  

PIC16C64-04/SS Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16C64-04/SS
Description  8-Bit CMOS Microcontrollers
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C64-04/SS Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16C64-04/SS Datasheet HTML 7Page - Microchip Technology PIC16C64-04/SS Datasheet HTML 8Page - Microchip Technology PIC16C64-04/SS Datasheet HTML 9Page - Microchip Technology PIC16C64-04/SS Datasheet HTML 10Page - Microchip Technology PIC16C64-04/SS Datasheet HTML 11Page - Microchip Technology PIC16C64-04/SS Datasheet HTML 12Page - Microchip Technology PIC16C64-04/SS Datasheet HTML 13Page - Microchip Technology PIC16C64-04/SS Datasheet HTML 14Page - Microchip Technology PIC16C64-04/SS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 336 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 11
PIC16C6X
FIGURE 3-2:
PIC16C62/62A/R62/64/64A/R64 BLOCK DIAGRAM
EPROM/
Program
Memory
2K x 14
13
Data Bus
8
14
Program
Bus
Instruction reg
Program Counter
8 Level Stack
(13-bit)
RAM
File
Registers
128 x 8
Direct Addr
7
RAM Addr(1)
9
Addr MUX
Indirect
Addr
8
FSR reg
STATUS reg
MUX
ALU
W reg
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
Timing
Generation
OSC1/CLKIN
OSC2/CLKOUT
MCLR
VDD, VSS
Synchronous
Serial Port
3
PORTA
PORTB
PORTC
PORTD
PORTE
RA4/T0CKI
RA5/SS
RB0/INT
RB7:RB1
RC0/T1OSO/T1CKI(4)
RC1/T1OSI(4)
RC2/CCP1
RC3/SCK/SCL
RC4/SDI/SDA
RC5/SDO
RC6
RC7
RE0/RD
RE1/WR
RE2/CS
RD0/PSP0
8
8
(Note 2)
Brown-out
Reset(3)
ROM
Timer0
Timer1
Timer2
CCP1
RA1
RA0
RA2
RA3
RD1/PSP1
RD2/PSP2
RD3/PSP3
RD4/PSP4
RD5/PSP5
RD6/PSP6
RD7/PSP7
Parallel Slave
Port
Note 1:
Higher order bits are from the STATUS register.
2:
PORTD, PORTE and the Parallel Slave Port are not available on the PIC16C62/62A/R62.
3:
Brown-out Reset is not available on the PIC16C62/64.
4:
Pin functions T1OSI and T1OSO are swapped on the PIC16C62/64.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com