Electronic Components Datasheet Search
  English  ▼

X  

PIC16C64-04/SS Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC16C64-04/SS
Description  8-Bit CMOS Microcontrollers
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C64-04/SS Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC16C64-04/SS Datasheet HTML 11Page - Microchip Technology PIC16C64-04/SS Datasheet HTML 12Page - Microchip Technology PIC16C64-04/SS Datasheet HTML 13Page - Microchip Technology PIC16C64-04/SS Datasheet HTML 14Page - Microchip Technology PIC16C64-04/SS Datasheet HTML 15Page - Microchip Technology PIC16C64-04/SS Datasheet HTML 16Page - Microchip Technology PIC16C64-04/SS Datasheet HTML 17Page - Microchip Technology PIC16C64-04/SS Datasheet HTML 18Page - Microchip Technology PIC16C64-04/SS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 336 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 15
PIC16C6X
TABLE 3-2:
PIC16C62/62A/R62/63/R63/66 PINOUT DESCRIPTION
Pin Name
Pin#
Pin Type
Buffer
Type
Description
OSC1/CLKIN
9
I
ST/CMOS(3)
Oscillator crystal input/external clock source input.
OSC2/CLKOUT
10
O
—
Oscillator crystal output. Connects to crystal or resonator in crys-
tal oscillator mode. In RC mode, the pin outputs CLKOUT which
has 1/4 the frequency of OSC1, and denotes the instruction cycle
rate.
MCLR/VPP
1
I/P
ST
Master clear reset input or programming voltage input. This pin is
an active low reset to the device.
PORTA is a bi-directional I/O port.
RA0
2
I/O
TTL
RA1
3
I/O
TTL
RA2
4
I/O
TTL
RA3
5
I/O
TTL
RA4/T0CKI
6
I/O
ST
RA4 can also be the clock input to the Timer0 timer/counter.
Output is open drain type.
RA5/SS
7
I/O
TTL
RA5 can also be the slave select for the synchronous serial
port.
PORTB is a bi-directional I/O port. PORTB can be software pro-
grammed for internal weak pull-up on all inputs.
RB0/INT
21
I/O
TTL/ST(4)
RB0 can also be the external interrupt pin.
RB1
22
I/O
TTL
RB2
23
I/O
TTL
RB3
24
I/O
TTL
RB4
25
I/O
TTL
Interrupt on change pin.
RB5
26
I/O
TTL
Interrupt on change pin.
RB6
27
I/O
TTL/ST(5)
Interrupt on change pin. Serial programming clock.
RB7
28
I/O
TTL/ST(5)
Interrupt on change pin. Serial programming data.
PORTC is a bi-directional I/O port.
RC0/T1OSO(1)/T1CKI
11
I/O
ST
RC0 can also be the Timer1 oscillator output(1) or Timer1
clock input.
RC1/T1OSI(1)/CCP2(2)
12
I/O
ST
RC1 can also be the Timer1 oscillator input(1) or Capture2
input/Compare2 output/PWM2 output(2).
RC2/CCP1
13
I/O
ST
RC2 can also be the Capture1 input/Compare1 out-
put/PWM1 output.
RC3/SCK/SCL
14
I/O
ST
RC3 can also be the synchronous serial clock input/output
for both SPI and I2C modes.
RC4/SDI/SDA
15
I/O
ST
RC4 can also be the SPI Data In (SPI mode) or
data I/O (I2C mode).
RC5/SDO
16
I/O
ST
RC5 can also be the SPI Data Out (SPI mode).
RC6/TX/CK(2)
17
I/O
ST
RC6 can also be the USART Asynchronous Transmit(2) or
Synchronous Clock(2).
RC7/RX/DT(2)
18
I/O
ST
RC7 can also be the USART Asynchronous Receive(2) or
Synchronous Data(2).
VSS
8,19
P
—
Ground reference for logic and I/O pins.
VDD
20
P
—
Positive supply for logic and I/O pins.
Legend: I = input
O = output
I/O = input/output
P = power
— = Not used
TTL = TTL input
ST = Schmitt Trigger input
Note 1:
Pin functions T1OSO and T1OSI are reversed on the PIC16C62.
2:
The USART and CCP2 are not available on the PIC16C62/62A/R62.
3:
This buffer is a Schmitt Trigger input when configured in RC oscillator mode and a CMOS input otherwise.
4:
This buffer is a Schmitt Trigger input when configured as the external interrupt.
5:
This buffer is a Schmitt Trigger input when used in serial programming mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com