Electronic Components Datasheet Search
  English  ▼

X  

FT8260 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # FT8260
Description  PSR Single-Stage AC-DC LED Driver with High PF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT8260 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button FT8260 Datasheet HTML 8Page - List of Unclassifed Manufacturers FT8260 Datasheet HTML 9Page - List of Unclassifed Manufacturers FT8260 Datasheet HTML 10Page - List of Unclassifed Manufacturers FT8260 Datasheet HTML 11Page - List of Unclassifed Manufacturers FT8260 Datasheet HTML 12Page - List of Unclassifed Manufacturers FT8260 Datasheet HTML 13Page - List of Unclassifed Manufacturers FT8260 Datasheet HTML 14Page - List of Unclassifed Manufacturers FT8260 Datasheet HTML 15Page - List of Unclassifed Manufacturers FT8260 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Fremont Micro Devices
Preliminary FT8260/1/2x
© 2014 Fremont Micro Devices Inc.
Confidential Rev0.86
DS8260/1/2x-A0-page13
SOT23–6 PACKAGE OUTLINE DIMENSIONS
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
1.050
1.250
0.041
0.049
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.300
0.500
0.012
0.020
c
0.100
0.200
0.004
0.008
D
2.820
3.020
0.111
0.119
E
1.500
1.700
0.059
0.067
E1
2.650
2.950
0.104
0.116
e
0.950 (BSC)
0.037(BSC)
e1
1.800
2.000
0.079
L
0.300
0.600
0.024
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com