Electronic Components Datasheet Search
  English  ▼

X  

FT8260 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FT8260
Description  PSR Single-Stage AC-DC LED Driver with High PF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT8260 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FT8260 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT8260 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT8260 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT8260 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT8260 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT8260 Datasheet HTML 6Page - List of Unclassifed Manufacturers FT8260 Datasheet HTML 7Page - List of Unclassifed Manufacturers FT8260 Datasheet HTML 8Page - List of Unclassifed Manufacturers FT8260 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Fremont Micro Devices
Preliminary FT8260/1/2x
© 2014 Fremont Micro Devices Inc.
Confidential Rev0.86
DS8260/1/2x-A0-page2
TYPICAL APPLICATION CIRCUIT
5
2
1
4
8
EM I
3
LE D +
LE D -
VA C
85 V — 265 V
R1
C2
Ds n
Cs n
Rs n
Df
Co 1
Co 2
R3
Da
C1
Rs
U1
B1
F1
CY
R L
Np
N s
Nv c c
Ra
C3
C4
R2
7
6
Rd
(F T 8 2 6 1 x )
5
2
1
4
EM I
3
LE D +
LE D -
VA C
85 V — 26 5 V
R1
C2
Ds n
Cs n
Rs n
Df
Co 1
Co 2
R3
Da
C1
Rs
U1
B1
F1
CY
R L
Np
Ns
Nv c c
Ra
C3
C4
R2
7, 8
6
Rd
( F T 8 26 1)
Figure 1: Typical Application Circuit
2
1
3
5
4
EM I
6
LE D +
LE D -
VAC
8 5 V— 2 6 5 V
Q1
R1
C2
Ds n
Cs n
Rs n
Df
Co 1
Co 2
R3
Da
C1
Rs
R4
U1
B1
F1
CY
Np
Ns
Nv c c
Ra
C3
C4
R2
Rd
( F T 8 261 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com