Electronic Components Datasheet Search
  English  ▼

X  

RF73 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # RF73
Description  fusing flat chip resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RF73 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  RF73 Datasheet HTML 1Page - KOA Speer Electronics, Inc. RF73 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RF73
fusing flat chip resistor
Maximum
Open
Circuit
Voltage
Part
Designation
Operating
Temperature
Range
Power
Rating
@70°C
T.C.R.
(ppm/°C)
Max.
Resistance
Range
E-24
Resistance
Tolerance
applications and ratings
RF732A
RF732B
RF732E
RF732H
RF733A
+1000 ~ -500
(0.2Ω-4.3Ω)
±500
(4.7Ω-510Ω)
3.0W
0.2Ω-0.47Ω
3.75W
0.2Ω-0.47Ω
4.5W
0.2Ω-0.47Ω
5.5W
0.2Ω-0.47Ω
6.5W
0.2Ω-0.47Ω
2.6W
0.51Ω-1.0Ω
2.875W
0.51Ω-10Ω
4.1W
0.51Ω-4.7Ω
5.0W
0.51Ω-4.7Ω
6.0W
0.51Ω-4.7Ω
2.4W
1.1Ω-20Ω
2.5W
11Ω-24Ω
3.5W
5.1Ω-27Ω
4.0W
5.1Ω-27Ω
5.0W
5.1Ω-30Ω
2.1W
22Ω-100Ω
2.0W
27Ω-100Ω
3.2W
30Ω-100Ω
3.5W
30Ω-100Ω
4.5W
33Ω-100Ω
2.0W
110Ω-510Ω
1.75W
110Ω-510Ω
3.0W
110Ω-510Ω
3.2W
110Ω-510Ω
4.0W
110Ω-510Ω
0.1W
0.125W
0.25W
0.2Ω-510Ω
J: ±5%
50V
100V
0.50W
1.0W
-55°C
to
+125°C
60
sec.
max.
Fusing
Time
FusingCharacteristics
FusingPower
PerformanceCharacteristics
DeratingCurve
environmental applications
100
80
60
40
20
-60
-40
-20
0
40
6080100140
70
20
Ambient Temperature
(°C)
0
-55
120
125
One-PulseLimitingElectricPower
30
10
.1
10
2E
1J, 2A
2B
1
2H
Pulse Duration
(ms)
100
1
.01
3A
5
15
20
25
ExampleofFusingCharacteristics
10
15
2E
1J,
2A
2B
1
2H
FusingPower
(W)
6
2
0
3A
34
7
8
RF731J
––
2.6W
1.0Ω
2.4W
1.1Ω-20Ω
2.1W
22Ω-100Ω
––
0.063W
+1000 ~ -500
(1.0Ω-3.3Ω)
±500
(3.6Ω-100Ω)
1Ω-100Ω
Resistance
25°C
Within specified
tolerance
T.C.R.
+25°C/-55°C and +25°C/+125°C
Within specified
T.C.R.
Overload (Short Time)
Rated voltage x 2 for 5 seconds (except 2E, 2H, 3A: x 1.5)
±5.0%
±3.0%
Resistance to Solder Heat
260°C ± 5°C for 10 seconds ± 1 second
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 500 hours, 1.5 hr ON, 0.5 hr OFF cycle
±5.0%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±5.0%
Rapid Change of Temperature
-55°C (30 minutes)/ +125°C (30 minutes) 5 cycles
±0.5%: 2A~3A
±3.0%: 1J
High Temperature Exposure
+125°C, 100 hours
±1.0%
––
––
±2.0%
0.5%
±2.0%
±1.0%
±0.3%: 2A~3A
±0.6%: 1J
±0.6%
Parameter
Requirement∆R±(%+0.1Ω)
Limit
Typical
TestMethod
For resistors operated at an ambient temperature
of 70°C or above, a power rating shall be derated
in accordance with the above derating curve.
47
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
11/27/14



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com