Electronic Components Datasheet Search
  English  ▼

X  

RF73 Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # RF73
Description  fusing flat chip resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RF73 Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  RF73 Datasheet HTML 1Page - KOA Speer Electronics, Inc. RF73 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
46
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
12/10/13
RF73
fusing flat chip resistor
features
• Performs like RK73 under normal conditions
• Fuses when overloaded
• Marking: Black three-digit on brown protective coating
1J: No marking
• Products with lead-free terminations meet EU RoHS
requirements. EU RoHS regulation is not intended for
Pb-glass contained in electrode, resistor element and glass.
• Recognized by safety standard UL1412. (0603 (1J) is
not recognized)
For further information on packaging,
please refer to Appendix A.
ordering information
J: ±5%
T: Sn
(Other termination
styles may be
available, please
contact factory
for options)
2 significant
figures + 1
multiplier
“R” indicates
decimal on
value <10Ω
1J: 0603
2A: 0805
2B: 1206
2E: 1210
2H: 2010
3A: 2512
TD: 7" paper tape
(0603, 0805, 1206, 1210:
5,000 pieces/reel)
TE: 7" embossed plastic
(0805, 1206, 1210, 2010,
2512: 4,000 pieces/reel)
RF73
Type
Size
Code
Nominal
Resistance Tolerance
Termination
Material
Packaging
NewPart#
2B
TD
100
J
T
Protective
Coating
Inner
Electrode
Resistive
Film
Ceramic
Substrate
Solder
Plating
Ni
Plating
L
c
c
W
t
d
dimensions and construction
Type
L
.012 +.008
-.004
(0.3 +0.2)
-0.1
.016 +.008
-.004
(0.4 +0.2)
-0.1
.02±.004
(0.5±0.1)
.024±.004
(0.6±0.1)
.016±.008
(0.4±0.2)
.02±.012
(0.5±0.3)
.063±.008
(1.6±0.2)
.102±.008
(2.6±0.2)
.098±.008
(2.5±0.2)
.122±.008
(3.1±0.2)
.126±.008
(3.2±0.2)
.049±.004
(1.25±0.1)
.079±.008
(2.0±0.2)
.197±.008
(5.0±0.2)
.248±.008
(6.3±0.2)
2A
(0805)
2B
(1206)
2H
(2010)
3A
(2512)
(InchSizeCode)
Wc
d
t
Dimensionsinches(mm)
2E
(1210)
.031±.004
(0.8±0.1)
.063±.008
(1.6±0.2)
1J
(0603)
.012±.004
(0.3±0.1)
.012±.004
(0.3±0.1)
EU


Similar Part No. - RF73

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RF73 KOA-RF73 Datasheet
408Kb / 2P
fusing flat chip resistor
11/17/22
logo
RF Micro Devices
RF7303 RFMD-RF7303 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
logo
Qorvo, Inc
RF7303 QORVO-RF7303 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
logo
RF Micro Devices
RF7303PCBA-410 RFMD-RF7303PCBA-410 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
logo
Qorvo, Inc
RF7303PCBA-410 QORVO-RF7303PCBA-410 Datasheet
205Kb / 2P
3V LTE/UMTS/CDMA BAND 3 LINEAR PA MODULE
More results

Similar Description - RF73

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN1H2N KOA-CN1H2N Datasheet
133Kb / 4P
Flat Chip Resistor Array
RF731J KOA-RF731J Datasheet
121Kb / 2P
fusing flat chip resistor
RF25CT52A100J KOA-RF25CT52A100J Datasheet
127Kb / 2P
coat-insulated fusing resistor
RF732BTTD100J KOA-RF732BTTD100J Datasheet
266Kb / 2P
fusing flat chip resistor
logo
List of Unclassifed Man...
SP3AJT100R ETC2-SP3AJT100R Datasheet
90Kb / 2P
UL1412 Certified Fusing Wirewound Resistor
logo
KOA Speer Electronics, ...
RK73G-RT KOA-RK73G-RT Datasheet
212Kb / 2P
flat chip resistor
logo
Stackpole Electronics, ...
FRN SEI-FRN Datasheet
605Kb / 7P
Fusing Resistor
10/22/2020
RWT SEI-RWT Datasheet
222Kb / 4P
Thermal Fusing Vertical Mount Resistor
11/30/2020
SP_SERIES SEI-SP_SERIES Datasheet
273Kb / 4P
Fusing Wirewound Resistor
4/30/2021
WWF SEI-WWF Datasheet
217Kb / 4P
General Purpose Fusing Wirewound Resistor
11/23/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com