Electronic Components Datasheet Search
  English  ▼

X  

PE6185 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6185
Description  50 Ohm 10 Watts Black Anodized Aluminum Heatsink N Male RF Load Up To 6 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6185 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6185 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6185 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6185 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
50 Ohm 10 Watts Black Anodized Aluminum Heatsink N Male RF Load Up To 6 GHz from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 10 Watts Black Anodized Aluminum Heatsink N Male RF Load Up To 6 GHz PE6185
URL: http://www.pasternack.com/10-watts-n-male-rf-load-up-to-6-ghz-pe6185-p.aspx
PE6185
PE6185 REV 1.0
50 Ohm 10 Watts Black Anodized Aluminum
Heatsink N Male RF Load Up To 6 GHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com