Electronic Components Datasheet Search
  English  ▼

X  

PE6185 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6185
Description  50 Ohm 10 Watts Black Anodized Aluminum Heatsink N Male RF Load Up To 6 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6185 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6185 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6185 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6185 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 Ohm 10 Watts Black Anodized Aluminum Heatsink N Male RF Load Up To 6 GHz
Configuration
Connector
N Male
Heat Sink
Black Anodized Aluminum Heatsink
Connection Method
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Maximum VSWR
1.15:1
Maximum Input Power, Watts
10
Peak Power, KWatts
1
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +120
Size
Length, in [mm]
2 [50.8]
Width/Dia., in [mm]
1.1 [27.94]
.
Connector
Type
N Male
Inner Conductor Material and Plating
Brass, Gold
Outer Conductor Material and Plating
Brass, Tri-Metal
Coupling Nut Material and Plating
Brass, Tri-Metal
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE6185
PE6185 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 10 Watts Black Anodized Aluminum Heatsink N Male RF Load Up To 6 GHz PE6185
50 Ohm 10 Watts Black Anodized Aluminum
Heatsink N Male RF Load Up To 6 GHz


Similar Part No. - PE6185

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6185 PASTERNACK-PE6185 Datasheet
426Kb / 4P
10 Watt RF Load Up to 6 GHz With N Male Input IP68 Rated Black Anodized Aluminum Heatsink
PE6185 PASTERNACK-PE6185_16 Datasheet
426Kb / 4P
10 Watt RF Load Up to 6 GHz With N Male Input IP68 Rated Black Anodized Aluminum Heatsink
More results

Similar Description - PE6185

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6037 PASTERNACK-PE6037 Datasheet
257Kb / 3P
50 Ohm 25 Watts Aluminum Heatsink N Female RF Load Up To 18 GHz
PE6140 PASTERNACK-PE6140 Datasheet
260Kb / 3P
50 Ohm 10 Watts Aluminum Heatsink TNC Female RF Load Up To 18 GHz
PE6168 PASTERNACK-PE6168 Datasheet
252Kb / 3P
50 Ohm 100 Watts Aluminum Heatsink N Male RF Load Up To 4 GHz
PE6103 PASTERNACK-PE6103 Datasheet
206Kb / 3P
50 Ohm 10 Watts Aluminum Heatsink SMA Female RF Load Up To 18 GHz
PE6186 PASTERNACK-PE6186 Datasheet
232Kb / 3P
50 Ohm 5 Watts Aluminum N Male RF Load Up To 6 GHz
PE6187 PASTERNACK-PE6187 Datasheet
232Kb / 3P
50 Ohm 5 Watts Aluminum N Male RF Load Up To 3 GHz
PE6191 PASTERNACK-PE6191 Datasheet
244Kb / 3P
50 Ohm 50 Watts Black Anodized Aluminum Heatsink 7-16 DIN Male RF Load Up To 3 GHz
PE6231 PASTERNACK-PE6231 Datasheet
242Kb / 3P
50 Ohm 200 Watts High Power Black Anodized Aluminum Heatsink N Female RF Load Up To 3 GHz
PE6101 PASTERNACK-PE6101_13 Datasheet
216Kb / 2P
50 Ohm 10 Watts Aluminum Heatsink BNC Female RF Load Up To 4 GHz
PE6185 PASTERNACK-PE6185_16 Datasheet
426Kb / 4P
10 Watt RF Load Up to 6 GHz With N Male Input IP68 Rated Black Anodized Aluminum Heatsink
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com