Electronic Components Datasheet Search
  English  ▼

X  

RN41 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # RN41
Description  fixed metal film melf resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RN41 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  RN41 Datasheet HTML 1Page - KOA Speer Electronics, Inc. RN41 Datasheet HTML 2Page - KOA Speer Electronics, Inc. RN41 Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
78
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
3/09/15
RN41, RM41
fixed metal film melf resistors
Absolute
Maximum
Working
Voltage
RN412A
RN412D
RN412E
RN412H
RM412D
RM412H
Part
Designation
Absolute
Maximum
Overload
Voltage
Operating
Temperature
Range
Power
Rating
@70°C
T.C.R.
(ppm/°C)
Max.
applications and ratings
1/8W (.125W)
1/5W (.2W)
1/4W (.25W)
1/2W (.5W)
1/5W (.2W)
1/2W (.5W)
±100
±50
±200
±350
E-24
(J±5%)
E-24,E-96
(F±1%)
200V
300V
150V
—
—
—
—
—
—
0.22Ω-100kΩ
100Ω-100kΩ
10Ω-604kΩ
10Ω-1.0MΩ
0.22Ω-8.2Ω
(E-12)
200V
500V
600V
-55°C
to
+155°C
√PxR
√PxRx6.25
DeratingCurve
SurfaceTemperatureRise
environmental applications
100
80
60
40
20
-60
-40
-20
0
40
60
80
100
140
70
20
Ambient Temperature
(°C)
0
-55
120
155
160
100
80
60
40
20
-60
-40
-20
0
40
60
80
100
140
90
20
Terminal Part Temperature
(°C)
0
-55
120
155
160
2ES (.4W)
80
60
40
20
25
50
75
100
% Rated Power
0
0
2E
2H
2D
2A
E-24,E-96
(C±0.25%)
—
—
—
—
—
E-24,E-96
(D±0.5%)
—
—
—
—
—
—
±50
±25
100Ω-100kΩ
100Ω-1MΩ
RN412ES 1/4W(.25W)
—
1Ω-5.11MΩ
——
±50
±25
100Ω-100kΩ 100Ω-604kΩ
±350
——
—
0.22Ω-0.91Ω
250V
400V
—
250V
—
ResistanceRange
E-24,E-96
(B±0.1%)
—
—
—
—
—
—
—
43Ω-511kΩ
—
RN412ES 2/5W(.4W)** ±50
1Ω-100Ω
0.22Ω-0.91Ω
—
——
—
—
RN413AS 1W*
1Ω-1MΩ
—
—
±50
—
0.22Ω-0.91Ω
600V
400V
* A power rating shall be guaranteed with a method shown in the Performance Characteristics. Please contact factory prior to use.
** A power rating becomes a guarantee at terminal temperature
For resistors operated at an ambient temperature
of 70°C or above, a power rating shall be derated
in accordance with the above derating curve.
For resistors operated at a terminal part temperature of
described for each size or above, a power rating shall
be derated in accordance with the derating curve.
Please refer to “Introduction of the derating curve based
on the terminal part temperature” on the beginning of
our catalog before use.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com