Electronic Components Datasheet Search
  English  ▼

X  

RN41 Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # RN41
Description  fixed metal film melf resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RN41 Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  RN41 Datasheet HTML 1Page - KOA Speer Electronics, Inc. RN41 Datasheet HTML 2Page - KOA Speer Electronics, Inc. RN41 Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RN41, RM41
fixed metal film melf resistors
PerformanceCharacteristics
Parameter
Requirement∆R±(%+0.05Ω)
Limit
Typical
TestMethod
Resistance
T.C.R.
25°C
+25°C/-55°C, +25°C/+125°C
Within specified
tolerance
Within specified
T.C.R.
—
—
Overload (Short time)
Rated voltage x 2.5 for 5 seconds
±0.5%
2ES
±0.3%
Resistance to Soldering Heat
260°C ± 5°C, 10 seconds ± 1 second
±2%: 2H (10Ω>)
±1%: 2H (10Ω≤)
±0.5%: RN 2A~2E
2ES
±1%: 2H (10Ω>)
±0.5%: 2H (10Ω≤)
±0.3%: RN 2A~2E
Intermittent Overload
Rated voltage x 4 (2Ax3) or Max. intermittent overload voltage, whichever
is lower, 10,000 cycles. 2A: 200V, 2D: 300V, 2E: 500V, RN2H: 600V
±1%: RN41
2A,2D,2H
±0.5%: RM41 2E
—
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 5 cycles
±0.5%: RN41 2A~2E
±1%: RN41 2H
±1%: RM41
±0.3%: RN41 2A~2E
±0.7% RN41 2H
±0.75%: RM41
Moisture Resistance
40°C ± 2°C, 90 ~ 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±1%: RN41 2D,2E
±3%: RN41 2A
±5%: RN41 2H
±5%: RM41
2ES
±0.75%: RN41 2D,2E
±1.5%: RN41 2A
±3%: RN41 2H
±3%: RM41
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±1%: RN41 2D,2E
±3%: RN41 2A
±5%: RN41 2H
±5%:RM41
2ES
±0.5%:RN41 2D,2E
±1.5%:RN41 2A
±3%: RN41 2H
±3%: RM41
High Temperature Exposure
+125°C, 100 hours
±1%: RN41
2ES
±0.75%: RN41
StabilityClass
Stability
Class
Resistance
Range
0.25
10-332kΩ
±(0.25 + 0.05Ω)
±(0.05 + 0.05Ω)
±(0.50 + 0.05Ω)
±(0.50 + 0.05Ω)
±(0.25 + 0.05Ω)
1-<10Ω
0.5
±(0.50 + 0.05Ω)
±(2.00 + 0.05Ω)
±(1.00 + 0.05Ω)
±(0.50 + 0.05Ω)
>332kΩ-≤11MΩ
2
AB
C
D
LimitResistanceChangingAttests(TestGroup)
±(1.00 + 0.05Ω)
±(0.10 + 0.05Ω)
±(0.25 + 0.05Ω)
0.22-<1Ω
1
79
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
11/18/14



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com