Electronic Components Datasheet Search
  English  ▼

X  

SHDR Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # SHDR
Description  microwave thin film chip resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SHDR Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  SHDR Datasheet HTML 1Page - KOA Speer Electronics, Inc. SHDR Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SHDR
microwave thin film chip resistors
ResistanceRange
(Ω)
E-12
Part
Designation
Resistance
Tolerance
PowerRating
T.C.R.
(x10-6/K)
applications and ratings
1/32W (.031W)
SHDR001
environmental applications
-100±50
J: ±5%
RatedAmbient
Temperature
+70°C
Operating
Temperature
Range
-55°C - +125°C
22~390 & 50, 75
PerformanceCharacteristics
Parameter
Requirement∆R±(%+0.05Ω)
TestMethod
Resistance
T.C.R.
25°C
+25°C/+65°C
Within specified tolerance
Within specified T.C.R.
Endurance at 70°
Continuous turning on electricity of rated power, 1000h
1.5h ON/ 0.5 OFF cycle
+1.0%
Moisture Resistance
60°C 95%RH, continuous turning on electricity of rated power, 1000h
1.5h ON/ 0.5 OFF cycle
+1.0%
Rapid Change of Temperature
-55°C (30min.) / +125°C (30min.) 100 cycles
+1.0%
SHDR004
1/16W (.062W)
1/32W (.031W)
22~470 & 50, 75
560~1k & 500
SHDR FrequencyCharacteristics
Frequency(GHz)
100
10
1
0.1
10
100
1000
SHDR001
390
300
220
120
68
33
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
11/27/14



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com