Electronic Components Datasheet Search
  English  ▼

X  

SHDR Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # SHDR
Description  microwave thin film chip resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SHDR Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  SHDR Datasheet HTML 1Page - KOA Speer Electronics, Inc. SHDR Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
32
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
12/10/13
K: Chip Tray
SHDR
microwave thin film chip resistors
features
dimensions and construction
ordering information
SHDR
• Good frequency characteristics up to
15GHz: Reflection coefficient-not more than –15dB
(Representative value of SHDR001, 50Ω)
• Wire-bonding form mounting
• Most suitable for terminal resistors for high frequency circuits
L
C
L
C
SHDR001
SHDR004
Protective
Coating
Electrode
Rear
Materialization
Electrode
Protective
Coating
Rear
Materialization
J: ±5.0%
G: Au
3 digits
001:0.5X0.5mm
004:1.0X0.5mm
SHDR
Type
Size
Nominal
Resistance
Resistance
Tolerance
Termination
Material
Packaging
NewPart#
001
K
500
J
G
Type
L
.008±.002
(0.2±0.05)
.016±.001
(0.4±0.02)
.009±.001
(0.22±0.02)
.020±.002
(0.5±0.05)
.039±.002
(1.0±0.05)
SHDR004
.008±.002
(0.2±0.05)
.005±.001
(0.12±0.02)
.004±.001
(0.1±0.02)
.020±.002
(0.5±0.05)
.020±.002
(0.5±0.05)
SHDR001
(InchSizeCode)
Wc
d
t
Dimensionsinches(mm)
DeratingCurve
100
80
60
40
20
0
-55
70
125
-60 -40 -20
0
20
40
60
80 100 120
140
Ambient Temperature
(°C)
EU
For resistors operated at an ambient temperature of 70°C or above, a
power rating shall be derated in accordance with the above derating curve.


Similar Part No. - SHDR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHDR-20V-S-B ETC2-SHDR-20V-S-B Datasheet
169Kb / 3P
1.0mm pitch/Disconnectable Crimp style connectors
SHDR-30V-S-B ETC2-SHDR-30V-S-B Datasheet
169Kb / 3P
1.0mm pitch/Disconnectable Crimp style connectors
SHDR-40V-S-B ETC2-SHDR-40V-S-B Datasheet
169Kb / 3P
1.0mm pitch/Disconnectable Crimp style connectors
SHDR-50V-S-B ETC2-SHDR-50V-S-B Datasheet
169Kb / 3P
1.0mm pitch/Disconnectable Crimp style connectors
logo
KOA Speer Electronics, ...
SHDR001GK500J KOA-SHDR001GK500J Datasheet
246Kb / 2P
microwave thin film chip resistors
More results

Similar Description - SHDR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT0201 ETC1-RT0201 Datasheet
41Kb / 2P
Thin Film Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
Precision Thin Film Chip Resistors
logo
KOA Speer Electronics, ...
SHDR001GK500J KOA-SHDR001GK500J Datasheet
246Kb / 2P
microwave thin film chip resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
Precision Thin Film Chip Resistors
16-Jan-13
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
Professional Thin Film Chip Resistors
24-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
Professional Thin Film Chip Resistors
24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
Professional Thin Film Chip Resistors
24-Jan-13
logo
NIC-Components Corp.
NTR NIC-NTR Datasheet
114Kb / 5P
Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
Thin Film Precision Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com