Electronic Components Datasheet Search
  English  ▼

X  

TSL Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # TSL
Description  surface mount molded current sense resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

TSL Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  TSL Datasheet HTML 1Page - KOA Speer Electronics, Inc. TSL Datasheet HTML 2Page - KOA Speer Electronics, Inc. TSL Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DeratingCurve
environmental applications
100
80
60
40
20
-60 -40
0
40
60 80 100
180
70
20
Ambient Temperature
(°C)
0
120
-20
140 160
-55
100
80
60
40
20
-60
-40
0
40
60
80
100
180
90
20
Terminal Part Temperature
(°C)
0
120
-20
140
-55
160
125
SL1 (R≥110mΩ),
SL2 (R≥390mΩ) (90°C)
SLN2 (120°C)
SL07, TSL, SL1 (R≤100mΩ),
SL2(R≤360mΩ) (125°C)
TSL, SL, SLN
surface mount molded current sense resistors
Absolute
Maximum
Working
Voltage
Resistance
Tolerance
E-24*
Resistance
Range
Part
Designation
Absolute
Maximum
Overload
Voltage
Operating
Temperature
Range
Power
Rating
T.C.R.
(ppm/°C)
Max.**
applications and ratings
SL2
TSL1
2W
1W
500V
1000V
-55°C to
+180°C
Rated
TerminalPart
Temperature
±180: R=<10mΩ
±100: R=>11mΩ
±180: R=<13mΩ
±100: R=>15mΩ
3mΩ - 22MΩ
(G: ±2%)
5mΩ ~ 1MΩ
3mΩ, 4mΩ
(F: ±1%)
(J: ±5%)
10mΩ - 1MΩ
(D: ±0.5%)
––
––
10mΩ - 100mΩ
* 3m, 4m, 5m, 6m, 7m, 8m, 9m also available inside resistance range
** Please contact factory for T.C.R.: ±50ppm/°C and ±75ppm/°C
*** SLZ1: Current rating:44A
(D: ±0.5%)
5mΩ - 100mΩ
5mΩ - 100mΩ
(J: ±5%)
(F: ±1%)
SLN2
2W
5mΩ - 200mΩ
±110: R<10mΩ
±75: R=>10mΩ
(D: ±0.5%)
(F: ±1%)
(J: ±5%)
––
––
SL1
1W
200V
400V
±180: R=<13mΩ
±100: R=>15mΩ
5mΩ - 1MΩ
(G: ±2%)
3mΩ ~ 22MΩ
3mΩ, 4mΩ
(J: ±5%)
(F: ±1%)
10mΩ - 1MΩ
(D: ±0.5%)
SL07
0.75W
––
––
125°C:R≤100mΩ
90°C:R≥110mΩ
125°C
120°C
125°C:R≤100mΩ
90°C:R≥110mΩ
125°C
0~200: R=<10mΩ
0~150: R=>11mΩ
5mΩ - 100mΩ
(J: ±5%)
(F: ±1%)
SL3
3W
±180: R=<10mΩ
±100: R=>11mΩ
––
––
10mΩ - 100mΩ
(D: ±0.5%)
5mΩ - 100mΩ
5mΩ - 100mΩ
(J: ±5%)
(F: ±1%)
125°C:R≤100mΩ
90°C:R≥110mΩ
Rated
Ambient
Temperature
70°C
SLZ1***
––
––
––
––
4000 Max.
0.5mΩ Max.
––
For resistors operated at an ambient temperature
of 70°C or above, a power rating shall be derated
in accordance with the above derating curve.
For resistors operated at a terminal part temperature of described for
each size or above, a power rating shall be derated in accordance with
the derating curve.
Please refer to “Introduction of the derating curve based on the terminal
part temperature” on the beginning of our catalog before use.
65
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
12/04/14



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com