Electronic Components Datasheet Search
  English  ▼

X  

TSL Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # TSL
Description  surface mount molded current sense resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

TSL Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  TSL Datasheet HTML 1Page - KOA Speer Electronics, Inc. TSL Datasheet HTML 2Page - KOA Speer Electronics, Inc. TSL Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
66
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
11/30/14
TSL, SL, SLN
surface mount molded current sense resistors
SurfaceTemperatureRise
150
100
50
50
100
% Rated Power
TSL1 (1)
TSL1 (2)
0
0
25
75
2
1
25
75
125
SLN2 (2)
SLN2 (1)
* TSL1: 20mΩ
SLN2: 110mΩ
10mm pattern
PerformanceCharacteristics
200
100
50
50
100
% Rated Power
SL1 (1)
SL2 (2)
0
0
25
75
SL1 (2)
SL2 (1)
25
75
150
175
125
* 33mΩ
10mm pattern
TSL1/SLN2
SL1/SL2
Parameter
Requirement∆R±%
Limit
Typical
TestMethod
Resistance
T.C.R.
25°C
+25°C/+125°C
Within specified
tolerance
Within specified
T.C.R.
—
—
Resistance
to Solder Heat
260°C ± 5°C, 10 ± 1 second
260°C ± 5°C, 10~12 seconds
±1%: SL07, TSL1,
SL1, SL2, SL3
±0.5%: SLN2
±1%: SL07, TSL1,
SL1, SL2, SL3
±0.5%: SLN2
Overload
(Short time)
SL07: Rated power x 4 for 5 seconds, TSL1: Rated power x 2.5 for 5 seconds,
SL1, SL2, SLN2, SL3: Rated power x 5 for 5 seconds,
±1%: SL07, TSL1,
SL1, SL2, SL3
±0.5%: SLN2
±1%: SL07, TSL1,
SL1, SL2, SL3
±0.25%: SLN2
Rapid Change
of Temperature
-55°C (30 minutes), +150°C (30 minutes), 100 cycles
-55°C (15 minutes), +150°C (15 minutes), 1000 cycles
±1%: SL07, TSL1,
SL1, SL2, SL3
±0.5%: SLN2
±0.5%: SL07, TSL1,
SL1, SL2, SL3
±0.25%: SLN2
Moisture
Resistance
40°C ± 2°C, 90%~95%RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
85°C ± 2°C, 85% ±3%RH, 1000 hours, Rated power x 0.1
±2%: SL07, TSL1,
SL1, SL2, SL3
±0.5%: SLN2
±0.5%: SL07, TSL1,
SL1, SL2, SL3
±0.25%: SLN2
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±2%: SL07, TSL1,
SL1, SL2, SL3
±1%: SLN2
±0.5%
Low Temperature Exposure
SL07, TSL1, SL1, SL2, SL3: -55°C, 1 hour; SLN2: -65°C, 24 hours
±0.5%
±0.25%
Regarding the temperature rise, the value of the temperature varies per conditions and
board for use since the temperature is measured under our measuring conditions.
150
100
50
50
100
% Rated Power
SL07 (1)
0
0
25
75
2
1
25
75
125
SL07 (2)
* 20mΩ
10mm pattern
SL07



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com