Electronic Components Datasheet Search
  English  ▼

X  

SI7102DN Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SI7102DN
Description  N-Channel 12-V (D-S) MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7102DN Datasheet(HTML) 1 Page - Vishay Telefunken

  SI7102DN Datasheet HTML 1Page - Vishay Telefunken SI7102DN Datasheet HTML 2Page - Vishay Telefunken SI7102DN Datasheet HTML 3Page - Vishay Telefunken SI7102DN Datasheet HTML 4Page - Vishay Telefunken SI7102DN Datasheet HTML 5Page - Vishay Telefunken SI7102DN Datasheet HTML 6Page - Vishay Telefunken SI7102DN Datasheet HTML 7Page - Vishay Telefunken SI7102DN Datasheet HTML 8Page - Vishay Telefunken SI7102DN Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Vishay Siliconix
Si7102DN
Document Number: 74250
S-83044-Rev. B, 22-Dec-08
www.vishay.com
1
N-Channel 12-V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Available
• TrenchFET® Power MOSFET
•
Low Thermal Resistance PowerPAK®
Package with Small Size and Low 1.07 mm
Profile
•
100 % Rg Tested
APPLICATIONS
•
Secondary Synchronous Rectification
•
Point-of-Load
•
Load Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
e
Qg (Typ.)
12
0.0038 at VGS = 4.5 V
35
41 nC
0.0047 at VGS = 2.5 V
35
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
3.30 mm
3.30 mm
PowerPAK 1212-8
Bottom View
Ordering Information: Si7102DN-T1-E3 (Lead (Pb)-free)
Si7102DN-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
D
S
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. See Solder Profile (www.vishay.com/ppg?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
d. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
e. Package limited.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
12
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
35e
A
TC = 70 °C
35e
TA = 25 °C
25a, b
TA = 70 °C
17.8a, b
Pulsed Drain Current
IDM
60
Continuous Source-Drain Diode Current
TC = 25 °C
IS
35e
TA = 25 °C
3.2a, b
Maximum Power Dissipation
TC = 25 °C
PD
52
W
TC = 70 °C
33
TA = 25 °C
3.8a, b
TA = 70 °C
2.4a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 50 to 150
°C
Soldering Recommendations (Peak Temperature)c, d
260


Similar Part No. - SI7102DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7102DN VISHAY-SI7102DN Datasheet
581Kb / 14P
N-Channel 12-V (D-S) MOSFET
22-Dec-08
SI7102DN VISHAY-SI7102DN Datasheet
578Kb / 14P
N-Channel 12-V (D-S) MOSFETs
22-Dec-08
SI7102DN-T1-E3 VISHAY-SI7102DN-T1-E3 Datasheet
581Kb / 14P
N-Channel 12-V (D-S) MOSFET
22-Dec-08
SI7102DN-T1-GE3 VISHAY-SI7102DN-T1-GE3 Datasheet
581Kb / 14P
N-Channel 12-V (D-S) MOSFET
22-Dec-08
SI7102DN VISHAY-SI7102DN_V01 Datasheet
578Kb / 14P
N-Channel 12-V (D-S) MOSFETs
22-Dec-08
More results

Similar Description - SI7102DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7102DN VISHAY-SI7102DN Datasheet
581Kb / 14P
N-Channel 12-V (D-S) MOSFET
22-Dec-08
SI7858BDP VISHAY-SI7858BDP Datasheet
515Kb / 13P
N-Channel 12 V (D-S) MOSFET
03-May-10
SIR492DP VISHAY-SIR492DP Datasheet
482Kb / 14P
N-Channel 12-V (D-S) MOSFET
22-Sep-08
logo
Vishay Telefunken
SIB404DK TFUNK-SIB404DK Datasheet
195Kb / 9P
N-Channel 12 V (D-S) MOSFET
SIS452DN TFUNK-SIS452DN Datasheet
568Kb / 13P
N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SIUD412ED VISHAY-SIUD412ED Datasheet
185Kb / 7P
N-Channel 12 V (D-S) MOSFET
08-Aug-16
SI7104DN VISHAY-SI7104DN Datasheet
542Kb / 14P
N-Channel 12-V (D-S) MOSFET
17-Mar-08
SI7858BDP VISHAY-SI7858BDP_17 Datasheet
349Kb / 13P
N-Channel 12 V (D-S) MOSFET
03-May-10
SI4838BDY VISHAY-SI4838BDY_V01 Datasheet
919Kb / 9P
N-Channel 12 V (D-S) MOSFET
03-Nov-08
SI7104DN VISHAY-SI7104DN_V01 Datasheet
541Kb / 14P
N-Channel 12-V (D-S) MOSFET
17-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com