Electronic Components Datasheet Search
  English  ▼

X  

SI7102DN Datasheet(PDF) 5 Page - Vishay Telefunken

Part # SI7102DN
Description  N-Channel 12-V (D-S) MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7102DN Datasheet(HTML) 5 Page - Vishay Telefunken

  SI7102DN Datasheet HTML 1Page - Vishay Telefunken SI7102DN Datasheet HTML 2Page - Vishay Telefunken SI7102DN Datasheet HTML 3Page - Vishay Telefunken SI7102DN Datasheet HTML 4Page - Vishay Telefunken SI7102DN Datasheet HTML 5Page - Vishay Telefunken SI7102DN Datasheet HTML 6Page - Vishay Telefunken SI7102DN Datasheet HTML 7Page - Vishay Telefunken SI7102DN Datasheet HTML 8Page - Vishay Telefunken SI7102DN Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Document Number: 74250
S-83044-Rev. B, 22-Dec-08
www.vishay.com
5
Vishay Siliconix
Si7102DN
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.1
0.001
VSD - Source-to-Drain Voltage (V)
0
0.2
0.4
0.6
0.8
1.0
0.01
1
10
100
1.2
TJ = 150 °C
TJ = 25 °C
- 0.5
- 0.3
- 0.1
0.1
0.3
- 50
- 25
0
25
50
75
100
125
150
TJ - Temperature (°C)
ID = 250 µA
ID = 5 mA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.000
0.004
0.008
0.012
0.016
0.020
012345
VGS - Gate-to-Source Voltage (V)
TA = 25 °C
TA = 125 °C
0
30
50
10
20
Time (s)
40
10
0.01
0.001
0.1
1
1000
100
Safe Operating Area, Junction-to-Ambient
0.01
100
1
100
0.01
0.1
VDS - Drain-to-Source Voltage (V)
* VGS
minimum VGS at which RDS(on) is specified
1 ms
10 ms
100 ms
0.1
1
10
10
TA = 25 °C
Single Pulse
Limited by
R
*
DS(on)
DC
10 s
1 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com