Electronic Components Datasheet Search
  English  ▼

X  

809-092 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 809-092
Description  Dummy Receptacle for 803 Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

809-092 Datasheet(HTML) 1 Page - Glenair, Inc.

  809-092 Datasheet HTML 1Page - Glenair, Inc. 809-092 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
X-76
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
X
Series 80 Mighty Mouse
Dummy Receptacle for 803 Connectors
809-092 Bayonet Receptacle - Dimensions
How To Order
Sample Part Number
809-092
07
M
7
N
Series (See Table I)
809-092
Shell Style
02 = Flange Receptacle for front or rear panael mounting
07 = Jam nut receptacle for rear panel mounting
Shell Material
and Finish
C = Aluminum / Black Anodize
(Non-Conductive) RoHS Compliant
M = Aluminum / Electroless Nickel
NF = Aluminum / Cadmium with Olive Drab
ZN = Aluminum / Zinc-Nickel with Olive Drab Chromate
Z1 = Stainless Steel / Passivated
ZB = Stainless Steel / Olive Drab Chromate over Cadmium
ZC = Stainless Steel / Zinc Cobalt Alloy / Black Chromate
Shell Size
(See Table II)
5, 6, 7, 8, 9, 10, 12, 14,15
Key Position
N = Normal, X, Y, Z,
U = Universal
How To Order
Sample Part Number
809-092
-07
M
7
N
Series
809-092
Shell Style
02 = Flange Receptacle for front or rear panel mounting
07 = Jam nut receptacle for rear panel mounting
Shell Material
and Finish
C = Aluminum / Black Anodize
(Non-Conductive) RoHS Compliant
M = Aluminum / Electroless Nickel
NF = Aluminum / Cadmium with Olive Drab
ZN = Aluminum / Zinc-Nickel with Olive Drab Chromate
Z1 = Stainless Steel / Passivated
ZB = Stainless Steel / Olive Drab Chromate over Cadmium
ZC = Stainless Steel / Zinc Cobalt Alloy / Black Chromate
Shell Size
(See Table II)
5, 6, 7, 8, 9, 10, 12, 14,15
Key Position
N = Normal, X, Y, Z,
U = Universal
These Series 803 bayone receptacle
dummy stowage receptacles for
shell size 5 thru 15, provide a safe a
convenient place to store and protect
cabled connectors when not in use
due to routine maintenance or repair
of plug cables.
Series 803 Plug Key Positions
B° A°
Pos.
A°
B°
N
150°
210°
X
75°
210°
Y
95°
230°
Z
140°
275°


Similar Part No. - 809-092

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
809-094 GLENAIR-809-094 Datasheet
182Kb / 1P
Backshells and Accessories
More results

Similar Description - 809-092

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
650BS001B20 GLENAIR-650BS001B20 Datasheet
29Kb / 1P
Dummy Stowage Receptacle
650LS001M16 GLENAIR-650LS001M16 Datasheet
27Kb / 1P
Dummy Stowage Receptacle
650HS010 GLENAIR-650HS010 Datasheet
28Kb / 1P
Dummy Stowage Receptacle
650HS058 GLENAIR-650HS058 Datasheet
223Kb / 2P
Dummy Stowage Receptacle
logo
Winchester Electronics ...
KD-89-03 WINCHESTER-KD-89-03 Datasheet
34Kb / 1P
DUMMY RECEPTACLE
logo
Glenair, Inc.
650-061 GLENAIR-650-061 Datasheet
234Kb / 1P
Rear Panel Mount Dummy Receptacle for 804 Connectors
650FS002 GLENAIR-650FS002 Datasheet
180Kb / 1P
Dummy Stowage Receptacle
657-072 GLENAIR-657-072 Datasheet
188Kb / 1P
Dummy Receptacle for 801 Connectors
657-079 GLENAIR-657-079 Datasheet
186Kb / 1P
Dummy Stowage Receptacle for 805 Connectors
809-173 GLENAIR-809-173 Datasheet
184Kb / 1P
Dummy Receptacle for 800 Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com