Electronic Components Datasheet Search
  English  ▼

X  

809-092 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 809-092
Description  Dummy Receptacle for 803 Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

809-092 Datasheet(HTML) 2 Page - Glenair, Inc.

  809-092 Datasheet HTML 1Page - Glenair, Inc. 809-092 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
X-77
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
X
2 X ø .110/.103
(2.79/2.62)
E REF
45°
F BSC
D MAX
ø B
ø B
.425 (10.80)
MASTER KEYWAY
MASTER KEYWAY
J FLAT
H FLAT
TYP
ø G
02
07
K THREAD
.06 (1.52) REF
.500 (12.7) MAX
.700 (17.78)
MAX
.200 (5.08) MAX
PANEL
THICKNESS
Series 80 Mighty Mouse
Dummy Receptacle for 803 Connectors
809-092 Bayonet Receptacle - Dimensions
Table II: Dimensions
Shell
Size
Ø B
Ø D
E Ref
F Bsc
Ø G
H Flat
J Flat
K Thread
L Flat
Ø M
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in. ±
.002
mm.
± .002
in.
mm.
5
.300 7.62 .703 17.86 .460 11.68 .513 13.03 .575 14.61 .545 13.84 .350 8.89
.3750-28 UN-2A
.360
9.14
.385 9.78
6
.362 9.19 .788 20.02 .522 13.26 .598 15.19 .635 16.13 .595 15.11 .410 10.41 .4375-28 UNEF-2A
.420
10.67
.448 11.38
7
.436 11.07 .890 22.61 .590 14.99 .708 17.98 .755 19.18 .723 18.36 .536 13.61
.5625-32 UN-2A
.546
13.87
.573 14.55
8
.508 12.90 1.154 29.31 .668 16.97 .964 24.49 .830 21.08 .790 20.07 .593 15.06
.6250-28 UN-2A
.603
0.60
.635 16.13
9
.561 14.25 1.207 30.66 .721 18.31 1.017 25.83 .830 21.08 .790 20.07 .593 15.06
.6250-28 UN-2A
.603
15.32
.635 16.13
10
.635 16.13 1.291 32.79 .795 20.19 1.101 27.97 .955 24.26 .925 23.50 .721 18.31
.7500-28 UN-2A
.731
18.57
.760 19.30
12
.714 18.14 1.394 35.41 .874 22.20 1.204 30.58 1.078 27.38 1.044 26.52 .845 21.46
.8750-28 UN-2A
.855
21.72
.885 22.48
14
.865 21.97 1.545 39.24 1.050 26.67 1.280 32.51 1.264 32.11 1.230 31.24 1.022 25.96 1.0625-20 UN-2A
1.032
26.21 1.075 27.31
15
.925 23.50 1.630 41.40 1.150 29.21 1.370 34.80 1.325 33.66 1.290 32.77 1.096 27.84
1.1250-28 UN-2A
1.106
28.09 1.135 28.83
ø M
L FLAT
RECOMMENDED PANEL CUTOUT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com