Electronic Components Datasheet Search
  English  ▼

X  

SI4778DY Datasheet(PDF) 4 Page - Vishay Telefunken

Part # SI4778DY
Description  N-Channel 25-V (D-S) MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4778DY Datasheet(HTML) 4 Page - Vishay Telefunken

  SI4778DY Datasheet HTML 1Page - Vishay Telefunken SI4778DY Datasheet HTML 2Page - Vishay Telefunken SI4778DY Datasheet HTML 3Page - Vishay Telefunken SI4778DY Datasheet HTML 4Page - Vishay Telefunken SI4778DY Datasheet HTML 5Page - Vishay Telefunken SI4778DY Datasheet HTML 6Page - Vishay Telefunken SI4778DY Datasheet HTML 7Page - Vishay Telefunken SI4778DY Datasheet HTML 8Page - Vishay Telefunken SI4778DY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 69817
S09-0394-Rev. B, 09-Mar-09
Vishay Siliconix
Si4778DY
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150 °C
10
VSD - Source-to-Drain Voltage (V)
1
TJ = 25 °C
100
TJ - Temperature (°C)
1.0
1.2
1.4
1.6
1.8
2.0
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
ID = 7 A
VGS - Gate-to-Source Voltage (V)
0.00
0.02
0.04
0.06
0.08
0246
8
10
TA = 125 °C
TA = 25 °C
0
5
10
15
20
25
30
Time (s)
10
1000
0.1
0.01
0.001
100
1
Safe Operating Area, Junction-to-Ambient
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
100
1
0.1
1
10
100
0.01
10
0.1
TA = 25 °C
Single Pulse
10 ms
100 ms
DC
1s
10 s
Limited byRDS(on)*
1ms
BVDSS
Limited
100 µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com