Electronic Components Datasheet Search
  English  ▼

X  

SI4778DY Datasheet(PDF) 5 Page - Vishay Telefunken

Part # SI4778DY
Description  N-Channel 25-V (D-S) MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4778DY Datasheet(HTML) 5 Page - Vishay Telefunken

  SI4778DY Datasheet HTML 1Page - Vishay Telefunken SI4778DY Datasheet HTML 2Page - Vishay Telefunken SI4778DY Datasheet HTML 3Page - Vishay Telefunken SI4778DY Datasheet HTML 4Page - Vishay Telefunken SI4778DY Datasheet HTML 5Page - Vishay Telefunken SI4778DY Datasheet HTML 6Page - Vishay Telefunken SI4778DY Datasheet HTML 7Page - Vishay Telefunken SI4778DY Datasheet HTML 8Page - Vishay Telefunken SI4778DY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 69817
S09-0394-Rev. B, 09-Mar-09
www.vishay.com
5
Vishay Siliconix
Si4778DY
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
3
6
9
12
15
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Package Limited
Power Derating
0
1
2
3
4
5
25
50
75
100
125
150
TC - Case Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com