Electronic Components Datasheet Search
  English  ▼

X  

LG01 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LG01
Description  Liquid Flow Switch and Bubble Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LG01 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LG01 Datasheet HTML 1Page - List of Unclassifed Manufacturers LG01 Datasheet HTML 2Page - List of Unclassifed Manufacturers LG01 Datasheet HTML 3Page - List of Unclassifed Manufacturers LG01 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.sensirion.com
February 2015 V2
3/4
5 Mechanical Specifications
Table 6: Mechanical Specifications
Parameter
LG01-2000Axxx
Largest dimensions
53 x 22 x 9 mm
Total mass
6 g
Inner diameter d
1.8 mm
All dimensions in mm
6 Ordering Information
For OEM applications the sensor can be purchased in larger quantities without any additional parts.
Product
Article Number
LG01-2000A090
1-100796-01
LG01-2000A005
1-100797-01
LG01 Connectivity Kit
1-100814-01
Attention Fragile
Mechanical shocks, forces induced by stiff fluid connection lines as well as connecting to the fittings without suitable
tools lead to stress on the internal thin-walled glass capillary and can cause it to break.
While tightening the fittings, fix the fluidic ports position with a wrench.
Test for leakage after every time new connections are made.
!
53±1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com