Electronic Components Datasheet Search
  English  ▼

X  

LG01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LG01
Description  Liquid Flow Switch and Bubble Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LG01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LG01 Datasheet HTML 1Page - List of Unclassifed Manufacturers LG01 Datasheet HTML 2Page - List of Unclassifed Manufacturers LG01 Datasheet HTML 3Page - List of Unclassifed Manufacturers LG01 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.sensirion.com
February 2015 V2
1/4
LG01-2000Axxx
Liquid Flow Switch and Bubble Detector
Detection of low liquid flow in the ml/min Range
Totally non-invasive
Ultra-fast response time of 100 ms
Product Summary
The LG01 Liquid Flow Switch enables detection of
flow of liquid in the range of ml/min. The output signal
is 5V when the flow rate is higher than the specified
flow switch point and 0V below this limit or when air
or bubbles are found inside the sensor’s flow channel
instead of liquid.
Excellent chemical resistance and bio-compatibility
are ensured: The flow path of the LG01 Liquid Flow
Switch is formed by a simple, straight glass capillary.
For more information on communication, please refer
to section 2 of this document.
1 Sensing Performance
Table 1: Model specific performance of LG01 (all data for medium H2O, 23°C)
Parameter
LG01-2000A090
LG01-2000A005
Unit
H2O flow switching point
4.5
0.25
ml/min
H2O maximum flow rate
50
220
ml/min
Accuracya of switching point
±10
±10
% of switching point
Switching hysteresis
±5
±5
% of switching point
Mounting orientation sensitivityb
+2
+14
% of switching point
Flow detection response time
63
50
ms
Response time on power-up
120
ms
Operating temperature
+10…+50
°C
Ambient storage temperaturec
-10…+60
°C
Operating pressure
3
bar
Proof pressure
5
bar
a
Better available on request
b
Maximum shift of switching point if mounted vertically
c
Non-condensing, flow path empty
1.1 Operation with Other Liquids than Water
Due to the measurement principle the LG01 flow switch characteristics is changing with the thermal properties of the
liquid. For aqueous solutions the data for H2O as stated above is a good approximation.
For hydrocarbon liquids such as oil, fuel, or organic solvents, the flow switch point shifts towards higher flow rates.
For indicative purpose, data is provided for isopropyl alcohol (IPA) below.
Table 2: Approximate switch levels of the LG01 liquid flow switch with hydrocarbon liquids
Parameter
LG01-2000A090
LG01-2000A005
Unit
Approximate flow switching point with IPA
9
1.4
ml/min
Maximum flow rate with IPA
>250
>250
ml/min


Similar Part No. - LG01

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LG01 SCHNEIDER-LG01 Datasheet
89Kb / 2P
Guided wave radar (TDR) for measuring distance, level, volume and mass
Apr 26, 2022
logo
HALO Electronics, Inc.
LG01-0346N1LF HALO-LG01-0346N1LF Datasheet
446Kb / 2P
DIL and SMD Packages
LG01-0356N1LF HALO-LG01-0356N1LF Datasheet
446Kb / 2P
DIL and SMD Packages
LG01-0356N2LF HALO-LG01-0356N2LF Datasheet
509Kb / 2P
16 Pin DIP and SMD Package
LG01-0506NLF HALO-LG01-0506NLF Datasheet
508Kb / 2P
16 Pin DIP and SMD Packages
More results

Similar Description - LG01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS7-4 ETC-FS7-4 Datasheet
38Kb / 2P
Flow Switches - Liquid
logo
Integrated Device Techn...
FS1012 IDT-FS1012 Datasheet
298Kb / 6P
Gas and Liquid Flow Sensor Module
logo
TT Electronics.
DS1433 TTELEC-DS1433 Datasheet
326Kb / 2P
Adjustable Liquid Flow Switch
DS1434 TTELEC-DS1434 Datasheet
327Kb / 2P
Paddle Liquid Flow Switch
logo
Renesas Technology Corp
FS1012 RENESAS-FS1012 Datasheet
422Kb / 9P
Gas and Liquid Flow Sensor Module
FS1023 RENESAS-FS1023 Datasheet
439Kb / 7P
Liquid Flow Sensor Module
FS1025 RENESAS-FS1025 Datasheet
715Kb / 6P
Liquid Flow Sensor Module
FS1027 RENESAS-FS1027 Datasheet
567Kb / 6P
Liquid Flow Sensor Module
FS1023-DL RENESAS-FS1023-DL Datasheet
481Kb / 12P
Liquid Flow Sensor Module
08/30/2022
logo
Greystone Energy System...
GLFS1 GREYSTONE-GLFS1 Datasheet
129Kb / 1P
LIQUID FLOW SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com