Electronic Components Datasheet Search
  English  ▼

X  

LG16 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LG16
Description  Compact Liquid Flow Meter for OEM Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LG16 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LG16 Datasheet HTML 1Page - List of Unclassifed Manufacturers LG16 Datasheet HTML 2Page - List of Unclassifed Manufacturers LG16 Datasheet HTML 3Page - List of Unclassifed Manufacturers LG16 Datasheet HTML 4Page - List of Unclassifed Manufacturers LG16 Datasheet HTML 5Page - List of Unclassifed Manufacturers LG16 Datasheet HTML 6Page - List of Unclassifed Manufacturers LG16 Datasheet HTML 7Page - List of Unclassifed Manufacturers LG16 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.sensirion.com
February 2015 V3
2/8
Table 2: Model specific performance of LG16, digital version only (all data for medium IPA, 23°C)
Parameter
LG16-0150D LG16-0430D LG16-1000D
LG16-
2000HC-D
Unit
IPA full scale flow rate
70
500
10’000
µl/min
80
ml/min
IPA sensor output limita
100
600
11’000
µl/min
90
ml/min
Accuracy below full scale
(whichever error is larger)
20
20
20
10
% of m.v.b
0.3
1
1
0.5
% of full scale
Repeatability below full scale
(whichever error is larger)
1
1
1
1.5
% of m.v.
0.01
0.05
0.05
0.03
% of full scale
Temperature coefficient
(additional error / °C; whichever is larger)
0.4
0.5
.5
0.4
0.35
% m.v. / °C
0.025
0.02
% full scale / °C
aFlow rate at which the sensor output saturates
b
Measured value
1.1 Switching between calibration fields
Different calibrations are available in calibration fields (CF) on digital versions of the flow meter. The factory default is
CF0. If the medium to be measured is different to the factory default calibration field, this has to be changed using
the Sensirion Viewer Software or using digital commands via the I2C or RS485 interface.
Table 3: Available calibrations on CF0 and CF1
Sensor
CF0 (default)
CF1
LG16-0025D
H2O
LG16- 0150D
H2O
IPA
LG16-0430D
H2O
IPA
LG16-1000D
H2O
IPA
LG16-2000D
H2O
LG16-2000-HC-D
IPA
Analog flow meter variants only feature H2O calibration. For communication with the analog variant see section 3.4.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com